Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08ED Datasheet(PDF) 4 Page - NXP Semiconductors

Part # DAC08ED
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08ED Datasheet(HTML) 4 Page - NXP Semiconductors

  DAC08ED Datasheet HTML 1Page - NXP Semiconductors DAC08ED Datasheet HTML 2Page - NXP Semiconductors DAC08ED Datasheet HTML 3Page - NXP Semiconductors DAC08ED Datasheet HTML 4Page - NXP Semiconductors DAC08ED Datasheet HTML 5Page - NXP Semiconductors DAC08ED Datasheet HTML 6Page - NXP Semiconductors DAC08ED Datasheet HTML 7Page - NXP Semiconductors DAC08ED Datasheet HTML 8Page - NXP Semiconductors DAC08ED Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
719
DC ELECTRICAL CHARACTERISTICS (Continued)
Pin 3 must be at least 3V more negative than the potential to which R15 is returned. VCC = +15V, IREF = 2.0mA, Output characteristics refer to
both IOUT and IOUT, unless otherwise noted. DAC08C, E, H: TA = 0°C to 70°C. DAC08/08A: TA = -55°C to 125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
DAC08H
DAC08A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Resolution
8
8
8
Bits
Monotonicity
8
8
8
Bits
Relative accuracy
Over temperature range
±0.1
%FS
Differential non-linearity
±0.19
%FS
TCIFS
Full-scale tempco
±10
±50
ppm/
°C
VOC
Output voltage compliance
Full-scale current change 1/2LSB
-10
+18
V
IFS4
Full-scale current
VREF=10.000V, R14, R15=5.000kΩ
1.984
1.992
2.000
mA
IFSS
Full-scale symmetry
IFS4-IFS2
±1.0
±4.0
µA
IZS
Zero-scale current
0.2
1.0
µA
IFSR
Full-scale output current range
R14, R15=5.000kΩ
VREF=+15.0V, V-=-10V
VREF=+25.0V, V-=-12V
2.1
4.2
mA
VIL
VIH
Logic input levels
Low
High
VLC=0V
2.0
0.8
V
IIL
IIH
Logic input current
Low
High
VLC=0V
VIN=-10V to +0.8V
VIN=2.0V to 18V
-2.0
0.002
-10
10
µA
VIS
Logic input swing
V-=-15V
-10
+18
V
VTHR
Logic threshold range
VS=±15V
-10
+13.5
V
I15
Reference bias current
-1.0
-3.0
µA
dl/dt
Reference input slew rate
4.0
8.0
mA/
µs
Power supply sensitivity
IREF=1mA
PSSIFS+
Positive
V+=4.5 to 5.5V, V-=-15V;
0.0003
0.01
V+=13.5 to 16.5V, V-=-15V
%FS/%VS
PSIFS-
Negative
V-=-4.5 to -5.5V, V+=+15V;
0.002
0.01
V-=-13.5 to -16.5, V+=+15V
I+
I-
Power supply current
Positive
Negative
VS=±5V, IREF=1.0mA
3.1
-4.3
3.8
-5.8
I+
I-
Positive
Negative
VS=+5V, -15V, IREF=2.0mA
3.1
-7.1
3.8
-7.8
mA
I+
I-
Positive
Negative
VS=±15V, IREF=2.0mA
3.2
-7.2
3.8
-7.8
PD
Power dissipation
±5V, IREF=1.0mA
37
48
mW
PD
Power dissipation
+5V, -15V, IREF=2.0mA
122
136
mW
D
±15V, IREF=2.0mA
156
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com