Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8-R5D Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # C8-R5D
Description  Transformers for Inverter or Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C8-R5D Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  C8-R5D Datasheet HTML 1Page - Mitsumi Electronics, Corp. C8-R5D Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
Transformers for Inverter or Converter
C8-R Series
OUTLINE
Choke coil for various kinds of electronic
equipment such as DC-DC converter, switching
power supply, power supply circuits for TV and
VCR and such., and other various kinds of
electronic equipment.
Coils, Filters
C8-R4D
C8-R Series
C8-R4L
C8-R5D
C8-R5L
C8-R6D
C8-R6L
FEATURES
1. Compact choke coils selectable from 4, 5, or 6mm in height.
2. A medium or large current can be flown according to the specifications.
3. Closed magnetic circuit (with a ring core) L type and open magnetic circuit (a drum core only) D type are
selectable.
4. These choke coils can be mounted automatically by reflow soldering with taping.
5. Owing to multiple terminals (7 terminals), a transformer containing many circuits can be designed.
SPECIFICATIONS
Models
H. length
Inductance
Operational Frequency
Pcs/Reel
(Unit : mm)
C8-R4D
4 max.
0.01~5mH
10~300kHZ
1000
C8-R5D
5 max.
0.01~9mH
10~300kHZ
1000
C8-R6D
6 max.
0.01~30mH
10~300kHZ
1000
C8-R4L
4 max.
0.01~10mH
10~300kHZ
1000
C8-R5L
5 max.
0.01~18mH
10~300kHZ
1000
C8-R6L
6 max.
0.01~60mH
10~300kHZ
1000


Similar Part No. - C8-R5D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
C8-FR1 MITSUMI-C8-FR1 Datasheet
78Kb / 6P
Power Inductors
C8-H MITSUMI-C8-H Datasheet
88Kb / 6P
Power Inductors
C8-H3.5R MITSUMI-C8-H3.5R Datasheet
88Kb / 6P
Power Inductors
C8-H5R MITSUMI-C8-H5R Datasheet
88Kb / 6P
Power Inductors
C8-K MITSUMI-C8-K Datasheet
151Kb / 16P
Power Inductors
More results

Similar Description - C8-R5D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78250 CANDD-78250 Datasheet
130Kb / 2P
Converter Transformers
logo
TOKO, Inc
BLC210 TOKO-BLC210 Datasheet
30Kb / 1P
Inverter Transformers
logo
List of Unclassifed Man...
PM61300 ETC1-PM61300 Datasheet
163Kb / 1P
SMT, CCFL Inverter Transformers
logo
Sumida Corporation
CPU144C SUMIDA-CPU144C Datasheet
152Kb / 1P
INVERTER TRANSFORMERS
ER3023 SUMIDA-ER3023 Datasheet
126Kb / 1P
DC/DC CONVERTER TRANSFORMERS
logo
Mitsumi Electronics, Co...
TR9-B-S MITSUMI-TR9-B-S Datasheet
154Kb / 3P
Transformers for Inverter or Converter
logo
Bourns Electronic Solut...
PM61300-1 BOURNS-PM61300-1 Datasheet
171Kb / 1P
Inverter Transformers
logo
Vishay Siliconix
TC VISHAY-TC Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
logo
Murata Manufacturing Co...
78253-55MVC MURATA-78253-55MVC Datasheet
525Kb / 5P
MAX253 Compatible Converter Transformers
logo
Eaton All Rights Reserv...
CCFL EATON-CCFL Datasheet
562Kb / 6P
Cold cathode fluorescent lamp inverter transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com