Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8-R4L Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # C8-R4L
Description  Transformers for Inverter or Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C8-R4L Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  C8-R4L Datasheet HTML 1Page - Mitsumi Electronics, Corp. C8-R4L Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
Transformers for Inverter or Converter
DATA LIST
Inductance
Rated DC Current
DC Resistance (
Ω) max.
(µH)
C8-R
C8-R
C8-R
C8-R
C8-R
C8-R
C8-R
C8-R
C8-R
C8-R
C8-R
C8-R
L
4D
4L
5D
5L
6D
6L
4D
4L
5D
5L
6D
6L
3.3
2.4
2.2
2.4
2.4
1.9
1.4
0.1
0.1
0.1
0.1
0.1
0.1
3.9
2.2
2.0
2.2
2.2
1.8
1.3
0.1
0.1
0.1
0.1
0.1
0.1
4.7
2.0
1.8
2.0
2.0
1.7
1.2
0.1
0.1
0.1
0.1
0.1
0.1
5.6
1.9
1.7
1.9
1.9
1.6
1.1
0.1
0.1
0.1
0.1
0.1
0.1
6.8
1.8
1.75
1.85
1.85
1.5
1.0
0.15
0.1
0.1
0.1
0.1
0.1
8.2
1.7
1.6
1.8
1.7
1.4
0.95
0.15
0.15
0.15
0.1
0.1
0.1
10
1.5
1.4
1.8
1.5
1.3
0.9
0.2
0.15
0.15
0.1
0.1
0.1
12
1.4
1.3
1.5
1.5
1.2
0.85
0.2
0.2
0.15
0.15
0.1
0.1
15
1.3
1.2
1.4
1.35
1.1
0.8
0.25
0.2
0.2
0.15
0.15
0.1
18
1.2
1.1
1.4
1.25
0.95
0.75
0.3
0.25
0.2
0.15
0.15
0.1
22
1.0
1.0
1.2
1.2
0.95
0.65
0.35
0.25
0.25
0.2
0.15
0.15
27
0.95
0.95
1.1
1.1
0.9
0.6
0.4
0.3
0.3
0.2
0.2
0.15
33
0.85
0.8
1.0
0.95
0.8
0.55
0.55
0.35
0.35
0.2
0.2
0.15
39
0.8
0.8
0.95
0.95
0.75
0.5
0.6
0.4
0.35
0.25
0.25
0.15
47
0.75
0.7
0.95
0.85
0.7
0.45
0.65
0.5
0.45
0.35
0.25
0.2
56
0.65
0.6
0.8
0.75
0.6
0.4
0.85
0.55
0.55
0.4
0.3
0.2
68
0.6
0.55
0.7
0.6
0.55
0.35
0.95
0.65
0.7
0.5
0.35
0.25
82
0.55
0.5
0.65
0.6
0.5
0.35
1.0
0.75
0.8
0.55
0.4
0.25
100
0.5
0.45
0.6
0.55
0.45
0.3
1.5
0.9
0.9
0.6
0.55
0.3
120
0.45
0.4
0.5
0.5
0.4
0.3
2.0
1.2
1.2
0.65
0.6
0.3
150
0.4
0.4
0.5
0.45
0.4
0.25
2.0
1.5
1.4
0.9
0.75
0.35
180
0.35
0.35
0.45
0.4
0.35
0.25
3.0
1.8
1.6
0.95
0.9
0.5
220
0.3
0.3
0.4
0.35
0.35
0.2
3.5
2.0
2.0
1.4
1.0
0.6
270
0.25
0.25
0.35
0.35
0.3
0.2
4.0
3.0
2.5
1.6
1.3
0.8
330
0.25
0.25
0.35
0.3
0.25
0.2
4.5
3.5
3.0
1.8
1.5
0.85
390
0.2
0.2
0.3
0.3
0.25
0.15
6.5
4.0
4.5
2.5
2.0
1.0
470
0.2
0.2
0.25
0.25
0.2
0.15
7.5
4.5
5.0
3.0
2.5
1.3
560
0.2
0.15
0.25
0.25
0.2
0.15
8.5
6.0
5.5
3.5
3.5
1.5
680
0.15
0.15
0.25
0.2
0.2
0.1
9.5
7.0
6.5
4.7
4.0
1.8
820
0.15
0.15
0.2
0.2
0.15
0.1
11
8.0
9.5
5.0
4.5
2.5
1000
0.1
0.1
0.15
0.15
0.15
0.1
18
9.0
11
6.0
6.0
3.0
* The rated current is the current value reached when the inductance value has decreased by 10% from the intial in the DC superimposed characteristic.
DIMENSIONS
C8-R4D, 5D, 6D
C8-R4L, 5L, 6L
Unit : mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com