Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-1.809SP Datasheet(PDF) 3 Page - Recom International Power

Part # ROM-1.809SP
Description  1 Watt SIP4 Micro Size Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROM-1.809SP Datasheet(HTML) 3 Page - Recom International Power

  ROM-1.809SP Datasheet HTML 1Page - Recom International Power ROM-1.809SP Datasheet HTML 2Page - Recom International Power ROM-1.809SP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
21
July-2006
Package Style and Pinning (mm)
ROM
Series
ECONOLINE
DC/DC-Converter
2.54
2.54
Top View
Bottom View
6.05
1.27
0.25
7.62
1.9
2
13 4
4.10
0.51 typ.
0.51 typ.
7.70
RECOM
ROM-0505S
****
1.00ø+0.15/–0
11.50
RECOM
ROM-0505S
****
1.80
0.7ø+0.15/–0
1.0
3rd angle
projection
Recommended Footprint Details
4 PIN SIP Micro Size Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RO Pin Connections
Pin #
Single
1
–Vin
2
+Vin
3
–Vout
4
+Vout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com