Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7815K Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 7815K
Description  isc Three Terminal Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

7815K Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  7815K Datasheet HTML 1Page - Inchange Semiconductor Company Limited 7815K Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc Three Terminal Positive Voltage Regulator
7815K
www.iscsemi.com
2023-10-08
2
ELECTRICAL CHARACTERISTICS
TC=25℃ Vi= 23V, IO=0.5A, Ci= 0.33μF, CO= 0.1μF unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VO
Output Voltage
Vin=23V; IO=1.5A
14.4
15.6
V
△
VV
Line Regulation
17.5V≤Vin≤30V; IO=0.5A
150
mV
△
Vi
Load Regulation
5.0mA≤IO≤1.5A;Vin=23V
150
mV
Iq
Quiescent Current
Vin=23V; IO=1A
6.0
mA
△q1
Quiescent Current Change
5.0mA≤IO≤1.0A;Vin=23V
0.5
mA
△q2
Quiescent Current Change
18V≤Vin≤30V; IO=500mA
0.8
mA
Product Disclaimer
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com