Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCF8006 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCF8006
Description  SiC N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCF8006 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCF8006 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCF8006 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCF8006 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCF8006 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCF8006 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCF8006 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISCF8006
eq C3M0060065K
SiC N-Channel MOSFET
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.0
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 0.1mA
650
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID = 5mA
1.8
--
3.6
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 15V; ID=13.2A
42
60
79
IGSS
Gate Source Leakage Current
VGS= 15V; VDS= 0V
--
--
250
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 650V; VGS = 0V
--
1
50
μA
Ciss
Input Capacitance
VGS = 0V,
VDS = 600V,
f = 1.0MHz
VAC=25mV
--
920
--
pF
Coss
Output Capacitance
--
81
--
Crss
Reverse Transfer Capacitance
--
12
--
Qg
Total Gate Charge
VDD=400V,
ID= 13.2A,
VGS= - 4to +15V
--
49
--
nC
Qgs
Gate-Source Charge
--
13
--
Qgd
Gate-Drain Charge
--
14
--
td(on)
Turn-on Delay Time
VGS= - 4to +15V
ID= 13.2A,
VDS=400V,
Rg=2.5Ω,
L=135uH
inductive load
--
8
--
ns
tr
Turn-on Rise Time
--
10
--
td(off)
Turn-off Delay Time
--
20
--
tf
Turn-off Fall Time
--
8
--



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com