Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6017 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISU6017
Description  Ultrafast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6017 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISU6017 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6017 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISU6017
eq DSEC120-12AK
Ultrafast Recovery Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(Ta=25℃) (Pulse Test: Pulse Width=300μs,Duty Cycle≤2%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 60A ;
Tj=25℃
IF= 60A ;
Tj=150℃
2.66
1.81
V
VF
Maximum Instantaneous Forward Voltage
IF= 120A ;
Tj=25℃
IF= 120A ;
Tj=150℃
3.18
2.40
V
IR
Maximum Instantaneous Reverse Current
VR= VRWM;
Tj=25℃
650
uA
IR
Maximum Instantaneous Reverse Current
VR= VRWM;
Tj=150℃
2.5
mA
trr
Maximum Reverse Recovery Time
IF= 60A,VR= 600V
diF/dt=200A/us,
Tj=25℃
80
ns
trr
Maximum Reverse Recovery Time
IF= 60A,VR= 600V
diF/dt=200A/us,
Tj=100℃
220
ns
Product Disclaimer
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com