Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # RS3-0505S
Description  3 Watt SIP8 Isolated Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3-0505S Datasheet(HTML) 2 Page - Recom International Power

  RS3-0505S Datasheet HTML 1Page - Recom International Power RS3-0505S Datasheet HTML 2Page - Recom International Power RS3-0505S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.recom-international.com
14-February-2007
100
60
20
40
100
50
0
-40
71
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Description
Input Voltage Range
2:1
Output Accuracy
Nominal Vin and full load
±2% typ.
Line Voltage Regulation
LL to HL, full load
±0.5% max.
Load Voltage Regulation
25% to 100% full load
±0.5% typ.
Output Ripple and Noise
20MHz limited
50mVp-p max.
Switching Frequency
20% to 100% full load
200kHz typ.
Efficiency at Full Load
see table
No Load Input Current
8mA min., 60mA max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
H2
2000VDC min.
H3
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
H1
200pF max.
(tested at 100kHz)
H2/H3
30pF max.
Isolation Resistance
1G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range
–40°C to +71°C
Storage Temperature Range
–55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.7g
MTBF (+25°C)
using MIL-HDBK 217F
3303 x10³ hours
(+85°C)
using MIL-HDBK 217F
745 x10³ hours
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
RS3
Series
ECONOLINE
DC/DC-Converter
High power-density, a wide temperature range of -40°C to +71°C and extra features like Remote On-Off function are just some of the characteristics of this versa-
tile compact converter, ideal for highly sophisticated industrial designs where space is at a premium.
}DetailedInformationsee
Application Notes chapter "MTBF"
Typical Characteristics
RS3-xxxxS
80
100
Efficiency Vs Load ( Nominal Vin )
0505S
75
Output Current ( mA )
200
300
400
500
600
70
1205S
2405S
4805S
80
±50
Efficiency Vs Load ( Nominal Vin )
0505D
75
Output Current ( mA )
±100 ±150 ±200 ±250 ±300
70
1205D
2405D
4805D
RS3-xxxxD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com