Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT17P Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FT17P
Description  2/3 inch dual aspect ratio image sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT17P Datasheet(HTML) 1 Page - NXP Semiconductors

  FT17P Datasheet HTML 1Page - NXP Semiconductors FT17P Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FT17N / FT17P
2/3 inch dual aspect ratio image sensor
Sensor image
Description
The FT17N is a NTSC/EIA-compatible image sensor which is provided with a 12-phase
vertical transport clock structure in the image section.
The FT17P image sensor is a PAL/CCIR vesion of Philips Semiconductors’ dual aspect ratio
image sensor, which is provided with a 12-phase vertical transport clock structure in the
image section.
By selecting the appropriate phase type of the vertical image clock pulses it is possible to put
the image sensor in the required aspect ratio mode. In the 4:3 aspect ratio mode a virtual 4-
phase mode is applied and in the 16:9 mode a virtual 3-phase mode is applied.
Offering the advantage of optimizing the performance of a switchable camera in both 4:3 and
16:9 aspect ratio modes, the frame transfer technology supports the same number of active
lines and active pixels in both modes. The image diagonals of these formats are within the
tolerances of the required optical devices, making it is possible to use the same camera lenses
for both aspect ratio modes. Now the camera manufacturer can construct a switchable camera
in which the selected aspect ratio mode is purely determined by the electronic circuitry's.


Similar Part No. - FT17P

ManufacturerPart #DatasheetDescription
logo
ebm-papst
FT170AC EBMPAPST-FT170AC Datasheet
85Kb / 1P
Tubeaxial
FT170DC EBMPAPST-FT170DC Datasheet
224Kb / 1P
Tubeaxial
More results

Similar Description - FT17P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9D011 MICRON-MT9D011 Datasheet
1Mb / 61P
1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
1/2-Inch 3-Megapixel CMOS Digital Image Sensor
MT9V403C12STM MICRON-MT9V403C12STM Datasheet
416Kb / 33P
1/2-INCH CMOS ACTIVEPIXEL CMOS IMAGE SENSOR
logo
ON Semiconductor
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
logo
OmniVision Technologies...
OV13B10 OMNIVISION-OV13B10 Datasheet
606Kb / 2P
1/3-inch 13MP Image Sensor for Mainstream
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com