Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW-053.3S Datasheet(PDF) 2 Page - Recom International Power

Part # RW-053.3S
Description  3 Watt DIP24/SMD Low Profile Package Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW-053.3S Datasheet(HTML) 2 Page - Recom International Power

  RW-053.3S Datasheet HTML 1Page - Recom International Power RW-053.3S Datasheet HTML 2Page - Recom International Power RW-053.3S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
60
20
40
110
50
0
-40
80
150
Operating Temperature °C
0
80
Safe Operating Area
95
67
25
Derating-Graph
(Ambient Temperature)
Specifications (Core Operating Area)
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
±0.2% typ.
Load Voltage Regulation (10% to 100% full load)
±0.5% max.
Output Ripple and Noise (20MHz limited)
70mVp-p max.
Operating Frequency
85kHz min. / 100kHz typ.
Efficiency at Full Load
65% min.
No Load Power Consumption
250mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
40pF min. / 60pF max.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +80°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
DIP24
7g
SMD
7.7g
MTBF (+25°C)
using MIL-HDBK 217F
1034 x 10
3 hours
(+80°C)
using MIL-HDBK 217F
186 x 10
3 hours
RW-xxxxS
Series
ECONOLINE
DC/DC-Converter
Standard Application Circuit
DC/DC
Converter
Cout
+Vin
-Vin
0V
+Vout
Lin
12, 13
10, 15
11, 14
1, 24
Lin
RW- types
4.7uH ~ 100uH
Cout
RW- types
22uF ~ 100uF/25V
2
0
6
4.5
7
8
5
1
Input Voltage (V)
9
3
4
5
RW-types
use low ESR capacitor Cout and input
inductor Lin to reduce output ripple and
input inrush current.
}DetailedInformationsee
Application Notes chapter "MTBF"
July-2006
www.recom-international.com
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com