Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXA1012WC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FXA1012WC
Description  Frame Transfer CCD Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FXA1012WC Datasheet(HTML) 4 Page - NXP Semiconductors

  FXA1012WC Datasheet HTML 1Page - NXP Semiconductors FXA1012WC Datasheet HTML 2Page - NXP Semiconductors FXA1012WC Datasheet HTML 3Page - NXP Semiconductors FXA1012WC Datasheet HTML 4Page - NXP Semiconductors FXA1012WC Datasheet HTML 5Page - NXP Semiconductors FXA1012WC Datasheet HTML 6Page - NXP Semiconductors FXA1012WC Datasheet HTML 7Page - NXP Semiconductors FXA1012WC Datasheet HTML 8Page - NXP Semiconductors FXA1012WC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2000 January
4
Philips Semiconductors
Objective specification
Frame Transfer CCD Image Sensor
FXA 1012
Figure 2 - Detailed internal structure
OG: output gate
RG: reset gate
RD: reset drain
A1, A2, A3, A4: clocks of image section
B1, B2, B3, B4: clocks of storage section
C1, C2, C3, C4: clocks of horizontal register
Operational modes
The FXA 1012 is designed for high-resolution digital photography
with real time monitoring at reduced resolution. Two different modes
of operation make this possible.
In the still picture mode the high-resolution image is read-out directly.
A mechanical shutter ensures a 100% smear-free image with a
resolution of 1600 (H) x 1280 (V).
In the monitoring mode, images with reduced vertical resolution are
produced that are suitable for LCD displays. These images can have
for example, 120, 240 or 256 lines at up to 40 images per second.
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
A1
B2
B3
B4
B1
B2
B3
B4
B1
C4
C2 C1
C3
C4
C2 C1
C3
C4
C2 C1
C3
C4
C2 C1
C4
C2 C1
C3
C4
C2 C1
C3
C4
C2 C1
C3
C4
C2 C1
C3
C4
C2 C1
C3
C4
C2 C1
C3
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
A1
B2
B3
B4
B1
B2
B3
B4
B1
A2
A3
A4
A1
OG
298 storage
lines
STORAGE
RG
RD
column
1
column
2+1
column
2+1616
column
2+1616+70
OUT
One Pixel
12 lines
1296 active
images
lines
IMAGE
FT CCD
16 lines
1616 image pixels
8 dummy pixels
2 black timing
columns
70 black timing columns
A2
A3
A4
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com