Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ-0505S/P Datasheet(PDF) 1 Page - Recom International Power

Part # RZ-0505S/P
Description  0.5 Watt SMD Isolated Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RZ-0505S/P Datasheet(HTML) 1 Page - Recom International Power

  RZ-0505S/P Datasheet HTML 1Page - Recom International Power RZ-0505S/P Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
www.recom-international.com
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(VDC)
(VDC)
(mA)
(%)
RZ-xx05S
5, 9, 12, 15, 24
5
100
50
RZ-xx12S
5, 9, 12, 15, 24
12
42
60
RZ-xx15S
5, 9, 12, 15, 24
15
33
62
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RZ-0505S/P
Specifications (Core Operating Area)
Input Voltage Range
±5%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1% max.
Load Voltage Regulation (10% to 100% full load)
1% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
50% min. / 60% typ.
No Load Power Consumption
127mW min. / 155mW typ. / 194mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
25pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec) max.
(for more details see Application Notes)
Relative Humidity
95% RH
Package Weight
1.9g
MTBF (+25°C)
using MIL-HDBK 217F
1632 x 10
3 hours
(+70°C)
using MIL-HDBK 217F
156 x 10
3 hours
0.5 Watt
SMD
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RZ
Series
● 1kVDC Isolation
● SMD Package Styles
● 5V, 12V and 15V Output
● UL94V-0 Package Material
● No Heatsink Required
● No External Components
● Optional Continuous Short Circuit Protected
● Efficiency to 62%
Features
Regulated
Converters
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
70
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RZ-0505S/P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S Datasheet
74Kb / 2P
0.5 Watt SMD Isolated Single Output
More results

Similar Description - RZ-0505S/P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
0.5 Watt SMD Isolated Single Output
RSZ-3.303 RECOM-RSZ-3.303 Datasheet
89Kb / 2P
1 Watt SMD Miniature Isolated Single Output
RSZ RECOM-RSZ_10 Datasheet
98Kb / 2P
1 Watt SMD Miniature Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.5S-3.305 RECOM-R0.5S-3.305 Datasheet
120Kb / 8P
0.5 Watt SMD Isolated Single or Dual Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
0.25 Watt SMD Isolated Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
1 Watt SMD Isolated Single Output
R1Z RECOM-R1Z Datasheet
88Kb / 2P
1 Watt SMD Miniature Isolated Single Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
0.5 Watt SMD Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com