Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2004PWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2004PWDH
Description  Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2004PWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2004PWDH Datasheet HTML 1Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 2Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 3Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 4Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 5Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 6Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 7Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 8Page - NXP Semiconductors GTL2004PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
GTL2004
Quad GTL/GTL+ to LVTTL/TTL
bidirectional latched translator
2
1999 Jul 19
853–2165 21984
FEATURES
• Operates as a quad GTL/GTL+ sampling receiver or as a
LVTTL/TTL to GTL/GTL+ driver
• Quad bidirectional bus interface
• Separate latch enable for each bit
• Live insertion/extraction permitted
• B outputs include 30Ω series resistance
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per JEDEC Std
DESCRIPTION
The GTL2004 is a quad translating transceiver designed for 3.3V
system interface with a GTL/GTL+ bus.
The direction pin allows the part to function as either a GTL to TTL
sampling receiver or as a TTL to GTL interface. Separate latch
enables allow sampling and holding of data from the GTL bus.
PIN CONFIGURATION
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
A0
LE3
GTLREF
B3
B2
B1
B0
DIR
VCC
GND
A3
LE2
A2
LE1
A1
LE0
SW00318
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
15
DIR
Direction control input
1, 3, 5, 7
A0 – A3
Data inputs/outputs (A side, GTL)
11, 12, 13, 14
B0 – B3
Data inputs/outputs (B side, TTL)
2, 4, 6, 9
LE0 – LE3
Latch enables
10
GTLREF
GTL reference voltage
8
GND
Ground (0V)
16
VCC
Positive supply voltage
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
B to A
A to B
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 3.3V
2.0
1.8
4.4
4.7
ns
CIN
Input capacitance DIR, LEn
VI = 0V or VCC
3.0
3.0
pF
CI/O
I/O pin capacitance
Outputs disabled; VI/O = 0V or 3.152V
7.2
4.6
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
16-Pin Plastic TSSOP Type II
–40
°C to +85°C
GTL2004 PW DH
SOT403-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com