Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDA08CS-4 Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # LCDA08CS-4
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LCDA08CS-4 Datasheet(HTML) 3 Page - UN Semiconducctor INC

  LCDA08CS-4 Datasheet HTML 1Page - UN Semiconducctor INC LCDA08CS-4 Datasheet HTML 2Page - UN Semiconducctor INC LCDA08CS-4 Datasheet HTML 3Page - UN Semiconducctor INC LCDA08CS-4 Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision March 1,2022
www.unsemi.com.tw
Transient Voltage Suppressors for ESD Protection
ROHS
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
3/3
SOP-08 Package Outline & Dimensions
Ordering Information
LCDAXXCS-4 Series
Device
Package
Quantity
Reel Size
SOP-08
3,000pcs/Reel
7 inch
LCDAXXCS-4 Series
Symbol
Min.
Max.
Inches
Millimeters
A
B
C
D
G
H
J
K
M
N
S
4.80
3.80
1.35
0.35
0.10
0.19
0.40
0°
0.25
5.80
5.00
4.00
1.75
0.51
0.25
0.25
1.27
8°
0.50
6.20
Min.
Max.
0.189
0.150
0.053
0.013
0.004
0.007
0.016
0°
0.010
0.228
0.197
0.157
0.069
0.020
0.010
0.010
0.050
8°
0.020
0.244
1.27BSC
0.050BSC
Soldering Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com