Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8122SSAD Datasheet(PDF) 2 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8122SSAD
Description  Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8122SSAD Datasheet(HTML) 2 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8122SSAD Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8122SSAD Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8122SSAD Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dual-Channel high Power LED Controller with DC-DC Converter
For Large LCD or 3D Display Panels
Page2 - 3
Rev. 1.3 Feb .27, 2018
OCP8122A
源于灿瑞 磁传天下
SSOP-24L/SOP-24L (Top View)
Figure 1, Pin Assignments of OCP8122A
Pin
Name
Pin No.
I/O
Pin Function
SSOP24L
/SOP24L
UVLS
1
I
Power Supply Under-Voltage Lock-out Detection pin
VCC
2
P
Input Power for controller and internal MOSFET driver
EN
3
I
ON/OFF control for the controller
VREG
4
I/O
Internal Regulation Output Voltage pin
RSET
5
I/O
Resistor to set operation frequency and master/slave mode
SYNC
6
I/O
Operation Frequency Synchronization Signal input / output
PWM1
7
I
PWM dimming control for channel 1
PWM2
8
I
PWM dimming control for channel 2
ADIM
9
I
Analog dimming control for the controller
TIMER
10
I/O
Capacitor Setting shutdown delay time
CMP1
11
I/O
Connect resistor and capacitor to set soft start and compensation for
channel 1
CMP2
12
I/O
Connect resistor and capacitor to set soft start and compensation for
channel 2
IFB2
13
I
Channel 2 LED Current Sense Input
GATE2
14
O
Channel 2 MOSFET driver control
OVP2
15
I
Channel 2 Output over-voltage protection sense
CS2
16
I
Channel 2 Power MOSFET Switching Current Sense
IFB1
17
I
Channel 1 LED Current Sense Input
GATE1
18
O
Channel 1 MOSFET driver control
OVP1
19
I
Channel 1 Output over-voltage protection sense
CS1
20
I
Channel 1 Power MOSFET Switching Current Sense
GND
21
P
Ground
SWOUT2
22
O
Channel 2 Boost Power MOSFET Drive Output
SWOUT1
23
O
Channel 1 Boost Power MOSFET Drive Output
STATUS
24
O
Fault Operation Status Output (Open Drain Output)
◼ Pin Configuration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com