Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC33CDQ Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # ULC33CDQ
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

ULC33CDQ Datasheet(HTML) 1 Page - UN Semiconducctor INC

  ULC33CDQ Datasheet HTML 1Page - UN Semiconducctor INC ULC33CDQ Datasheet HTML 2Page - UN Semiconducctor INC ULC33CDQ Datasheet HTML 3Page - UN Semiconducctor INC ULC33CDQ Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The ULC33CDQ is ultra low capacitance TVS arrays designed to protect
high speed data interfaces. This series has been specifically designed
to protect sensitive components which are connected to high-speed data
and transmission lines from over-voltage caused by ESD (electrostatic
discharge),CDE (Cable Discharge Events), and EFT (electrical fast
transients).
ULC33CDQ
Mechanical Characteristics
Feature
Description
Applications
ROHS
Revision March 1,2022
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Mechanical Data
JEDEC SOT-23 Package
Molding Compound Flammability Rating : UL 94V-O
Weight 8.0 Milligrams (Approximate)
Lead Finish : Lead Free
88 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects two High-Speed I/O Lines
Low Clamping Voltage
Low Leakage Current
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (Lightning) 4A (8/20μs)
Functional Diagram
Cell Phone Handsets and Accessories
Microprocessor based equipment
Industrial Controls
Notebooks, Desktops, and Servers
Set-Top Box
Peripherals
Transient Voltage Suppressors for ESD Protection
Parameter
Symbol
Value
Units
Peak Pulse Power (Tp=8/20μs waveform)
Lead Soldering Temperature
Storage Temperature Range
Operating Junction Temperature Range
Ppp
TL
TSTG
TJ
88
260 (10 sec.)
-55 to +150
-40 to +125
Watts
°C
°C
°C


Similar Part No. - ULC33CDQ

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC33CFN LEIDITECH-ULC33CFN Datasheet
746Kb / 4P
LOW CAPACITANCE TVS DIODE ARRAY
logo
Socay Electornics Co., ...
ULC33CP8 SOCAY-ULC33CP8 Datasheet
296Kb / 3P
Lightning & ESD Protection For Gigabit Ethernet Interface
logo
Shanghai Leiditech Elec...
ULC33CP8 LEIDITECH-ULC33CP8 Datasheet
935Kb / 5P
LIGHTNING AND ESD PROTECTION FOR GIGABIT ETHRNET INTERFACE
logo
UN Semiconducctor INC
ULC33CP8 UNSEMI-ULC33CP8 Datasheet
2Mb / 5P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
ULC33CT8 LEIDITECH-ULC33CT8 Datasheet
2Mb / 7P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - ULC33CDQ

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com