Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD181 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD181
Description  OCXO HCMOS OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD181 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD181 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.0MHz
HCD180/BNDN ±5x10-9
±5x10-8 -20+60°C
MS08424
10.0MHz
HCD180/BNDN ±5x10-9
±5x10-8 -20+60°C
MA05202
Freq
Specification
Ageing
Temperature
Part No
per day
stability
OCXO HCMOS Output
HCD180 & HCD181
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
21 Nov 2003
Standard.
Optional - Please specify required code(s) when ordering
Specifications
15.50
(max)
0.80Ø
36.20
(max)
46.00 (max)
1
6
2
3
4
5
PIN
1
2
3
4
5
6
CONNECTION
Case
Freq Adjustment
Osc supply +5V
RF output
Oven supply
Ground
10.00
20.32
13.97
13.97
3.81
VOLTAGE CONTROL
3
2
6
10k multi-turn
1k
5V
0V
1.27
BOTTOM VIEW
Features
« HCMOS /TTL compatible output
« Low profile package
« Separate oven & oscillator supplies
« Custom options available
« High performance version of HCD81
Part No, or product name + option codes + frequency
eg:
HCD180/BNDN 10.0MHz
Option code X (eg HCD180/X) denotes a custom specification.
Ordering Information
Scale 1:1
HCD180: 5.0 ~ 16.0MHz
HCD181: 30.0kHz ~ 5.0MHz
Option
Codes
HCD180
HCD181
Product
Parameters
Standard Models
Frequency range:
30.0kHz ~ 5.0MHz
5.0 ~ 16.0MHz
Ageing per day (at despatch):
< ±1x10-8
A
< ±5x10-9
B
Frequency stability:
±7.5x10-7 / year max
±5x10-7 / year max
±1x10-7 per 5% change in V
DD
Temperature stability: < ±1x10-7
M
< ±5x10-8
N
Operating temperature range:
0 to +50°C
A
-20 to +60°C
D
-20 to +70°C
F
Storage temperature range:
-40 to +90°C
Output waveform:
HCMOS / TTL compatible
Frequency adjustment:
±2x10-5 typ, +0.5 to +5.0V
(sufficient for 10 years ageing min)
Oscillator supply voltage (VDD):
+5.0V (±0.5V)
Oven supply voltage:
+12.0V (±0.5V)
N
Other options from 9~30V
specify
Oscillator power consumption:
40mA max
Oven power consumption:
4.5W max at switch on
1.0W typ when stabilised at 25°C
Warm up:
±5x10-8 after 10mins at +25°C
Phase noise (@ 10.0MHz):
< -110dBc/Hz @ 10Hz
< -130dBc/Hz @ 100Hz
< -145dBc/Hz @ 1kHz
< -150dBc/Hz @ 10kHz
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G


Similar Part No. - HCD181

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD181 GOLLEDGE-HCD181 Datasheet
555Kb / 4P
Low Frequency OCXO with CMOS Output
HCD181 GOLLEDGE-HCD181_18 Datasheet
555Kb / 4P
Low Frequency OCXO with CMOS Output
More results

Similar Description - HCD181

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD351 GOLLEDGE-HCD351 Datasheet
61Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361 Datasheet
61Kb / 1P
OCXO HCMOS Output
HCD661 GOLLEDGE-HCD661 Datasheet
63Kb / 1P
OCXO HCMOS Output High Performance
HCD190 GOLLEDGE-HCD190 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
logo
Advanced XTAL Products
AXIOM20 AXTAL-AXIOM20 Datasheet
58Kb / 2P
OCXO in DIL14 package, HCMOS Output
2005-07-15
AXIOM40 AXTAL-AXIOM40 Datasheet
54Kb / 2P
OCXO high stability, HCMOS Output
2006-07-10
AXIOM70 AXTAL-AXIOM70 Datasheet
65Kb / 2P
OCXO with HCMOS Output
2007-05-14
logo
Golledge Electronics Lt...
HCD351 GOLLEDGE-HCD351_15 Datasheet
135Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361_15 Datasheet
135Kb / 1P
OCXO HCMOS Output
logo
Advanced XTAL Products
AXIOM120 AXTAL-AXIOM120 Datasheet
132Kb / 4P
SMD OCXO with HCMOS Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com