Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R24P12S/P Datasheet(PDF) 2 Page - Recom International Power

Part # R24P12S/P
Description  1 Watt SIP 7 Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R24P12S/P Datasheet(HTML) 2 Page - Recom International Power

  R24P12S/P Datasheet HTML 1Page - Recom International Power R24P12S/P Datasheet HTML 2Page - Recom International Power R24P12S/P Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.recom-international.com
45
July-2006
Typical Characteristics, Tolerance Envelope
RxxPxxS_D
Series
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R05P09S
R12P05S
R12P09S
R05P05S
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R24P15S
R24P12S
R12P12S
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
R05P05S
0.000
5.000
10.000
15.000
20.000
25.000
R12P05S
R05P09S
R12P05D
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
R12P12S
0.000
5.000
10.000
15.000
20.000
25.000
R24P15S
R24P12S
RxxP05/09S
RxxP12/15S
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R24P12D
R24P15D
R12P12D
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
R12P12D
0.000
5.000
10.000
15.000
20.000
25.000
R24P15D
R24P12D
RxxP05/09D
RxxP12/15D
ECONOLINE
DC/DC-Converter
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R05P09D
R12P09D
R12P05D
R05P05D
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
R05P05D
0.000
5.000
10.000
15.000
20.000
25.000
R12P05D
R05P09D
R12P09D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com