Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05P15S/P Datasheet(PDF) 1 Page - Recom International Power

Part # R05P15S/P
Description  1 Watt SIP 7 Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05P15S/P Datasheet(HTML) 1 Page - Recom International Power

  R05P15S/P Datasheet HTML 1Page - Recom International Power R05P15S/P Datasheet HTML 2Page - Recom International Power R05P15S/P Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
44
www.recom-international.com
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
(VDC)
(VDC)
(mA)
(%)
RxxP3.3S
5, 9, 12, 15, 24
3.3
303
70
RxxP05S
5, 9, 12, 15, 24
5
200
70-75
RxxP09S
5, 9, 12, 15, 24
9
111
70-75
RxxP12S
5, 9, 12, 15, 24
12
84
70-75
RxxP15S
5, 9, 12, 15, 24
15
66
75-80
RxxP3.3D
5, 9, 12, 15, 24
±3.3
±151
70
RxxP05D
5, 9, 12, 15, 24
±5
±100
70-75
RxxP09D
5, 9, 12, 15, 24
±9
±55
70-75
RxxP12D
5, 9, 12, 15, 24
±12
±41
70-75
RxxP15D
5, 9, 12, 15, 24
±15
±33
75-80
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R05P05S/P, R05P05D/P
Specifications
(measured at TA = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3, 5V output types
15% max.
(10% to 100% full load)
other output types
10% max.
Output Ripple and Noise (20MHz BW)
200mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
65% min. / 75% typ.
No Load Power Consumption
148mW min. / 220mW typ. / 355mW max.
Isolation Voltage
(tested for 1 minute)
5200VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
4pF min. / 10pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.3g
MTBF (+25°C)
using MIL-HDBK 217F
2974 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
728 x 10
3 hours
● EN 60950 certified, rated for 250VAC
● UL-60950-1 / CSA C22.2 certified
● 5.2kVDC Isolation for 1 Minute
● Optional Continuous Short Circuit Protected
● Wide Temperature Performance at
full 1 Watt Load, –40°C to +85°C
● 2 Chamber Transformer System
● UL94V-0 Package Material
● Efficiency to 80%
Features
Unregulated
Converters
The RxxPxxS_D Series of DC/DC Converters are fully certified to EN 60950/ UL-60950-1 and CSA C22.2.
This makes them ideal for all telecom and safety applications where approved isolation is required.
Description
}DetailedInformationsee
Application Notes chapter "MTBF"
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
1 Watt
SIP 7
Single
& Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RxxPxxS_D
Series
EN-60950-1 Certified
UL-60950-1 Certified
EN-60601-1 Certified


Similar Part No. - R05P15S/P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05P15D RECOM-R05P15D Datasheet
90Kb / 2P
EUROLINE DC/DC-Converter
More results

Similar Description - R05P15S/P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
RBM-1.81.8S RECOM-RBM-1.81.8S_06 Datasheet
104Kb / 3P
1 Watt SIP 6 Micro Size, Single & Dual Output
RP-053.3S RECOM-RP-053.3S_06 Datasheet
107Kb / 3P
1 Watt SIP 7 Single & Dual Output
R05P23.3S RECOM-R05P23.3S Datasheet
86Kb / 3P
2 Watt SIP 7 Single & Dual Output
logo
Wall Industries,Inc.
LANE6KV WALL-LANE6KV Datasheet
200Kb / 8P
Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
logo
Recom International Pow...
RXXPXX RECOM-RXXPXX Datasheet
161Kb / 2P
1 Watt SIP 7 Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
RBM-0505S RECOM-RBM-0505S Datasheet
134Kb / 3P
1 Watt SIP 6 Micro Size, Single & Dual Output-13
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com