Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD370/ERFN Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD370/ERFN
Description  OCXO SINE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD370/ERFN Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD370/ERFN Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OCXO Sine Output
HCD370
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
01 Mar 2007
Features
« Temperature stability down to 5ppb
« Single 12V supply (15v or 18V optional)
« Compact package
« Standard European IEC CO-08 pin-out
« Custom options available
Part No, or product name + option codes + frequency
eg: HCD370/DPFN 10.0MHz
HCD370/ERFN 5.0MHz
Option code X (eg HCD370/X) denotes a custom specification.
Ordering Information
Specifications
Option
Codes
HCD370
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Frequency range:
5.0 ~ 20.0MHz
Ageing per day (at despatch):
< ±1x10-9
D
< ±5x10-10
E
< ±2x10-10
F
Frequency stability:
< ±5x10-8 per year
< ±1x10-9 per 10% change in V
DD
Short term stability:
< ±1x10-11 over 1 sec
Temperature stability: < ±2x10-8
P
< ±1x10-8
R
< ±5x10-9
S
Operating temperature range:
0 to +50C
A
-10 to +60C
C
-20 to +70C
F
-40 to +70C
G
Storage temperature range:
-40 to +90C
Output waveform:
Sine wave, 7dBm (±2dBm) into 50
Frequency adjustment:
±5x10-7 (typ) over +0.5 to +7.0V
(sufficient for 10 years ageing min)
Stabilised +7.0V supply provided
Supply voltage (V
DD):
+12V (±0.5V)
N
+15V (±0.5V)
P
+18V (±0.5V)
R
Power consumption:
5.0W max at switch on
1.2W typ when stabilised at 25 C
Warm up:
< ±1x10-8 after 10mins at +20 C
Phase noise (@ 10.0MHz):
< -125 dBc/Hz @ 10Hz
< -135 dBc/Hz @ 100Hz
< -150 dBc/Hz @ 1kHz
< -155 dBc/Hz @ 10kHz
< -155 dBc/Hz @ 50kHz
Harmonics:
< -30dB wrt carrier
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G
36.10 (max)
15.5
(max)
8.90
27.20 (max)
1
2
34
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
0.50
17.80
15.00
Scale 1:1


Similar Part No. - HCD370/ERFN

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD370/ERFN GOLLEDGE-HCD370/ERFN Datasheet
130Kb / 1P
OCXO Sine Output Low Height
More results

Similar Description - HCD370/ERFN

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
OCXO Sine Output
HCD170 GOLLEDGE-HCD170 Datasheet
49Kb / 1P
OCXO Sine Output
HCD210 GOLLEDGE-HCD210 Datasheet
65Kb / 1P
OCXO Sine Output
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
HCD360 GOLLEDGE-HCD360_15 Datasheet
134Kb / 1P
OCXO Sine Output
HCD380 GOLLEDGE-HCD380 Datasheet
114Kb / 1P
OCXO Sine Output VHF
MCOCXOVS GOLLEDGE-MCOCXOVS_15 Datasheet
155Kb / 2P
5V OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS_15 Datasheet
149Kb / 2P
3.3V OCXO Sine Output
HCD220 GOLLEDGE-HCD220_18 Datasheet
575Kb / 4P
OCXO Sine Output
SCOCXOHSW GOLLEDGE-SCOCXOHSW Datasheet
558Kb / 5P
3.3V OCXO Sine Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com