Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS0 Datasheet(PDF) 2 Page - Ouster Inc.

Part # OS0
Description  Ultra-Wide View High-Resolution Imaging Lidar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OUSTER [Ouster Inc.]
Direct Link  https://ouster.com/
Logo OUSTER - Ouster Inc.

OS0 Datasheet(HTML) 2 Page - Ouster Inc.

  OS0 Datasheet HTML 1Page - Ouster Inc. OS0 Datasheet HTML 2Page - Ouster Inc. OS0 Datasheet HTML 3Page - Ouster Inc. OS0 Datasheet HTML 4Page - Ouster Inc. OS0 Datasheet HTML 5Page - Ouster Inc. OS0 Datasheet HTML 6Page - Ouster Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Precision
(Typical on Lambertian and
Retroreflective,
1024 @ 10 Hz mode, 1 standard
deviation)
Min: ±0.8 cm, Max: ±4 cm
Range Accuracy
"Accuracy is calculated
based on the error between the
mean of 100 measurements on
static target at a given range and
the true range"
Laser Product Class
Class 1 eye-safe per IEC/EN 60825-1: 2014
Laser Wavelength
865 nm
Beam Diameter Exiting Sensor
5 mm
Beam Divergence
0.35º (FWHM)
Connection
UDP over gigabit Ethernet
1,310,720 (32 channel)
2,621,440 (64 channel)
5,242,880 (128 channel)
Data Rate (Megabits Per Second)
(Legacy Mode) 2048x10
66 Mbps (32 channel)
129 Mbps (64 channel)
254 Mbps (128 channel)
Note:
LASER
LIDAR OUTPUT
Points Per Second
Data Rate (Megabits per second)
(Dual Return Profile at highest
resolution 2048x10)
up to 86.55 Mbps (32 channel)
up to 170.43 Mbps (64 channel)
up to 338.20 Mbps (128 channel)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com