Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP720 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # LP720
Description  Automatic fire detectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LP720 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  LP720 Datasheet HTML 1Page - Siemens Semiconductor Group LP720 Datasheet HTML 2Page - Siemens Semiconductor Group LP720 Datasheet HTML 3Page - Siemens Semiconductor Group LP720 Datasheet HTML 4Page - Siemens Semiconductor Group LP720 Datasheet HTML 5Page - Siemens Semiconductor Group LP720 Datasheet HTML 6Page - Siemens Semiconductor Group LP720 Datasheet HTML 7Page - Siemens Semiconductor Group LP720 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Building Technologies
Fire Safety & Security Products
Technical data
OH720
OP720
HI720 / HI722
Operating voltage (modulated)
12… 33 VDC
12… 33 VDC
12… 33 VDC
Operating current (quiescent)
~230 μA
~220 μA
~200 μA
Ext. alarm indicator without sounder base
AI connectable and programmable
2
2
2
Operating temperature
-10… +50 °C
-10… +50 °C
-10… +50 °C
Storage temperature
-30… +70 °C
-30… +70 °C
-30… +70 °C
Humidity (short-term moisture condensa-
tion permitted)
≤95 % rel.
≤95 % rel.
≤95 % rel.
Communication protocol
C-NET
C-NET
C-NET
Color
white, ~RAL 9010
white, ~RAL 9010
white, ~RAL 9010
Protection category EN60529 / IEC529
–
with detector base seal RS720
IP40
IP42
IP40
IP42
IP40
IP42
Standards
CEA4021, EN54-7,
EN54-17
EN54-7, EN54-17
EN54-5, EN54-17
Approvals
–
VdS
–
LPCB
G209064
request
G209068
request
G209065 /G209146
request
Permissible air speed
max. 5 m/s
max. 5 m/s
−
System compatibility C-NET
FS720
QS standards
Siemens Standard SN 36350
OH720
OP720
HI720
HI722



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com