Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX-0515S/P Datasheet(PDF) 1 Page - Recom International Power

Part # RX-0515S/P
Description  1 Watt SIP7 & DIP14 Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RX-0515S/P Datasheet(HTML) 1 Page - Recom International Power

  RX-0515S/P Datasheet HTML 1Page - Recom International Power RX-0515S/P Datasheet HTML 2Page - Recom International Power RX-0515S/P Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
53
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
DIP 14
(VDC)
(VDC)
(mA)
(%)
RY-xx05S
RX-xx05S
5, 9, 12, 15, 24
5
180
58-60
RY-xx09S
RX-xx09S
5, 9, 12, 15, 24
9
111
56-62
RY-xx12S
RX-xx12S
5, 9, 12, 15, 24
12
84
60-66
RY-xx15S
RX-xx15S
5, 9, 12, 15, 24
15
66
60-66
RY-xx24S
RX-xx24S
5, 9, 12, 15, 24
24
42
60-68
RY-xx05D
RX-xx05D
5, 9, 12, 15, 24
±5
±100
50-58
RY-xx09D
RX-xx09D
5, 9, 12, 15, 24
±9
±55
52-60
RY-xx12D
RX-xx12D
5, 9, 12, 15, 24
±12
±42
58-68
RY-xx15D
RX-xx15D
5, 9, 12, 15, 24
±15
±33
62-68
RY-xx24D
RX-xx24D
5, 9, 12, 15, 24
±24
±21
64-70
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g. RY-0505S/P, RX-0505S/P
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
70
30
Specifications (Core Operating Area)
Input Voltage Range
±5%
Output Voltage Accuracy
±5%
Line Voltage Regulation
±1% max.
Load Voltage Regulation (10% to 100% full load)
±1% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
30kHz min. / 50kHz typ. / 88kHz max.
Efficiency at Full Load
54% min. / 60% typ.
No Load Power Consumption
Single
171mW min. / 232mW typ. / 390mW max.
Dual
188mW min. / 264mW typ. / 350mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
Single output types
30pF min. / 150pF max.
Dual output types
40pF min. / 72pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
RY Single & Dual output types
2.8g
RX Single output types
2.9g
RX Dual output types
2.7g
MTBF (+25°C)
using MIL-HDBK 217F RY types
924 x 10
3 hours
RX types
944 x 10
3 hours
(+70°C)
using MIL-HDBK 217F RY types
135 x 10
3 hours
RX types
130 x 10
3 hours
1 Watt
SIP7 & DIP14
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RY & RX
Series
● Controllable Output
● 1kVDC Isolation
● No Heatsink Required
● UL94V-0 Package Material
● Optional Continuous Short Circuit Protected
● No External Components
● Fully Encapsulated
● Efficiency to 70%
Features
Regulated
Converters
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RX-0515S/P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX-0515S RECOM-RX-0515S Datasheet
104Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RX-0515S/P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
1 Watt SIP7 Single & Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
1 Watt DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com