Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISG2017 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISG2017
Description  IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2017 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISG2017 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2017 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2017 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISG2017
eq IRG4PH50UD
IGBT
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case IGBT
0.64
℃
/W
Rth j-c
Thermal Resistance,Junction to Case Diode
0.83
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0; IC= 0.25mA
1200
--
--
V
VGE(TH)
Gate-Emitter Threshold Voltage
VGE= VCE; IC=0.25mA
3.0
--
6.0
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20A; VCE= 15V,
TJ= 25℃
--
2.56
3.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 24A; VCE= 15V,
TJ= 25℃
--
2.78
3.7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 45A; VCE= 15V,
TJ= 25℃
--
3.20
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 45A; VCE= 15V,
TJ= 150℃
--
5.54
--
V
ICES
Zero Gate Voltage Collector Current
VCE= 1200V; VGE=0
--
--
250
uA
ICES
Zero Gate Voltage Collector Current
VCE= 1200V; VGE=0
TJ=150℃
--
--
6500
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V; VCE=0
--
--
±
100
nA
VFM
Diode Forward Voltage Drop
IC= 16A
--
2.5
3.5
V
VFM
Diode Forward Voltage Drop
IC= 16A
TJ=150℃
--
2.1
3.0
V
Cies
Input Capacitance
VGS = 0V,
VCS = 30V,
f = 1.0MHz
--
4100
--
pF
Coes
Output Capacitance
--
240
--
Cres
Reverse Transfer Capacitance
--
48
--
Qg
Total Gate Charge
VGE = 15V,
IC= 27A,
VCE = 400V
--
180
--
nC
Qgs
Gate-Source Charge
--
29
--
Qgd
Gate-Drain Charge
--
62
--



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com