Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCF8011 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCF8011
Description  SiC N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCF8011 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCF8011 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCF8011 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCF8011 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCF8011 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCF8011 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCF8011 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISCF8011 Datasheet HTML 7Page - Inchange Semiconductor Company Limited ISCF8011 Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISCF8011
SiC N-Channel MOSFET
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP.
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.23
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 0.1mA
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID =22mA
2
3
4
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 20V; ID=50A
--
16
22
mΩ
RDS(ON)
Drain-Source On-stage Resistance
VGS= 20V; ID=50A
Tj=150℃
--
25.2
--
mΩ
IGSS
Gate Source Leakage Current
VGS= -10to20V; VDS= 0V
--
10
250
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V; VGS = 0V
--
5
100
μA
gfS
Forward Transconductance
VDS= 20V; ID=50A
--
51
--
S
EOSS
COSS Stored Energy
VDS= 1000V;f = 1.0MHz
--
141
--
μJ
RG
Internal Gate Resistance
VAC= 25mV;f = 1.0MHz
--
35
--
Ω
Ciss
Input Capacitance
VGS = 0V,
VDS = 1000V,
f = 1.0MHz
VAC=25mV
--
6378
--
pF
Coss
Output Capacitance
--
245
--
Crss
Reverse Transfer Capacitance
--
15
--
Qg
Total Gate Charge
VDD=800V,
ID= 50A,
VGS= - 5to +20V,
--
238
--
nC
Qgs
Gate-Source Charge
--
76.7
--
Qgd
Gate-Drain Charge
--
78.3
--



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com