Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TOP245P_1 Datasheet HTML 17Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 18Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 19Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 20Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 21Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 22Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 23Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 24Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 25Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 21 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11.5 Output Ripple Measurements
11.5.1 Ripple Measurement Technique
For DC output ripple measurements, a modified oscilloscope test probe must be utilized in
order to reduce spurious signals due to pickup.
Details of the probe modification are
provided in Figure 20 and Figure 21.
The 5125BA probe adapter is affixed with two capacitors tied in parallel across the probe
tip. The capacitors include one (1) 0.1
µF/50 V ceramic type and one (1) 1.0 µF/50 V
aluminum electrolytic.
The aluminum electrolytic type capacitor is polarized, so
proper polarity across DC outputs must be maintained (see below).
Figure 20 - Oscilloscope Probe Prepared for Ripple Measurement.
(End Cap and Ground Lead Removed)
Figure 21 - Oscilloscope Probe with Probe Master 5125BA BNC Adapter.
(Modified with wires for probe ground for ripple measurement, and two parallel decoupling capacitors added)
Probe Ground
Probe Tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com