Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB03A Datasheet(PDF) 2 Page - Texas Instruments

Part # DBB03A
Description  Baseband ASIC for Dolphin Chipset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DBB03A Datasheet(HTML) 2 Page - Texas Instruments

  DBB03A Datasheet HTML 1Page - Texas Instruments DBB03A Datasheet HTML 2Page - Texas Instruments DBB03A Datasheet HTML 3Page - Texas Instruments DBB03A Datasheet HTML 4Page - Texas Instruments DBB03A Datasheet HTML 5Page - Texas Instruments DBB03A Datasheet HTML 6Page - Texas Instruments DBB03A Datasheet HTML 7Page - Texas Instruments DBB03A Datasheet HTML 8Page - Texas Instruments DBB03A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
DBB03A Base-
band ASIC
RF
TRF6903
System Micro
Application Layer
Data Link Layer
MAC Layer
PHY Layer
Wireless UART Dolphin
Host Interface
Protocol via UART
DBB03A
Baseband ASIC for Dolphin Chipset
SWRS030 – JULY 2005
Figure 1. DBB03A - Baseband ASIC for the Dolphin Chipset
The Wireless UART Dolphin chipset is a true Data-In/RF-out and RF-in/Data-out solution with all aspects of data
management and frequency hopping implemented in firmware residing on the DBB03A. As illustrated in Figure 1,
the DBB03A baseband ASIC contains the complete firmware for Dolphin (PHYsical, MAC and the Data Link
layer), while the application layer protocol is handled by the external Host/System Microcontroller.
AVAILABLE OPTIONS
TA
PACKAGE
ORDER NUMBER
-40°C to 85°C
Plastic 64-pin QFP (PM)
DBB03A IPM
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com