Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB03AIPM Datasheet(PDF) 5 Page - Texas Instruments

Part # DBB03AIPM
Description  Baseband ASIC for Dolphin Chipset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DBB03AIPM Datasheet(HTML) 5 Page - Texas Instruments

  DBB03AIPM Datasheet HTML 1Page - Texas Instruments DBB03AIPM Datasheet HTML 2Page - Texas Instruments DBB03AIPM Datasheet HTML 3Page - Texas Instruments DBB03AIPM Datasheet HTML 4Page - Texas Instruments DBB03AIPM Datasheet HTML 5Page - Texas Instruments DBB03AIPM Datasheet HTML 6Page - Texas Instruments DBB03AIPM Datasheet HTML 7Page - Texas Instruments DBB03AIPM Datasheet HTML 8Page - Texas Instruments DBB03AIPM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
DBB03A
Baseband ASIC for Dolphin Chipset
SWRS030 – JULY 2005
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
P2.7/TA0
27
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output
P3.0/STE0
28
I/O
General-purpose digital I/O pin/slave transmit enable - USART0/SPI mode
P3.1/SIMO0
29
I/O
General-purpose digital I/O pin/slave in/master out of USART0/SPI mode
P3.2/SOMI0
30
I/O
General-purpose digital I/O pin/slave out/master in of USART0/SPI mode
General-purpose digital I/O pin/external clock input - USART0/UART or SPI mode, clock
P3.3/UCLK0
31
I/O
output - USART0/SPI mode
P3.4/UTXD0
32
I/O
General-purpose digital I/O pin/transmit data out - USART0/UART mode
P3.5/URXD0
33
I/O
General-purpose digital I/O pin/receive data in - USART0/UART mode
P3.6
34
I/O
General-purpose digital I/O pin
P3.7
35
I/O
General-purpose digital I/O pin
P4.0/TB0
36
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI0A/B input, compare: Out0 output
P4.1/TB1
37
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI1A/B input, compare: Out1 output
P4.2/TB2
38
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI2A/B input, compare: Out2 output
P4.3
39
I/O
General-purpose digital I/O pin
P4.4
40
I/O
General-purpose digital I/O pin
P4.5
41
I/O
General-purpose digital I/O pin
P4.6
42
I/O
General-purpose digital I/O pin
P4.7/TBCLK
43
I/O
General-purpose digital I/O pin/Timer_B, clock signal TBCLK input
P5.0
44
I/O
General-purpose digital I/O pin
P5.1
45
I/O
General-purpose digital I/O pin
P5.2
46
I/O
General-purpose digital I/O pin
P5.3
47
I/O
General-purpose digital I/O pin
P5.4/MCLK
48
I/O
General-purpose digital I/O pin/main system clock MCLK output
P5.5/SMCLK
49
I/O
General-purpose digital I/O pin/submain system clock SMCLK output
P5.6/ACLK
50
I/O
General-purpose digital I/O pin/auxiliary clock ACLK output
P5.7/TBOUT
General-purpose digital I/O pin/switch all PWM digital output ports to high impedance -
51
I/O
H
Timer_B7 TB0 to TB2
P6.0
59
I/O
General-purpose digital I/O pin
P6.1
60
I/O
General-purpose digital I/O pin
P6.2
61
I/O
General-purpose digital I/O pin
P6.3
2
I/O
General-purpose digital I/O pin
P6.4
3
I/O
General-purpose digital I/O pin
P6.5
4
I/O
General-purpose digital I/O pin
P6.6
5
I/O
General-purpose digital I/O pin
P6.7
6
I/O
General-purpose digital I/O pin
RST/NMI
58
I
Reset input, nonmaskable interrupt input port
TCK
57
I
Test clock. TCK is the clock input port for device programming test.
Test data input or test clock input. TDI is used as a data input port. The device protection
TDI/TCLK
55
I
fuse is connected to TDI.
TDO/TDI
54
I/O
Test data output port. TDO/TDI data output
TMS
56
I
Test mode select. TMS is used as an input port for device test.
NC
7, 10, 11
No internal connection
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1
XT2IN
53
I
Input port for crystal oscillator XT2. Only standard crystals can be connected.
XT2OUT
52
O
Output terminal of crystal oscillator XT2
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com