Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1172 Datasheet(PDF) 1 Page - Texas Instruments

Part # 1172
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1172 Datasheet(HTML) 1 Page - Texas Instruments

  1172 Datasheet HTML 1Page - Texas Instruments 1172 Datasheet HTML 2Page - Texas Instruments 1172 Datasheet HTML 3Page - Texas Instruments 1172 Datasheet HTML 4Page - Texas Instruments 1172 Datasheet HTML 5Page - Texas Instruments 1172 Datasheet HTML 6Page - Texas Instruments 1172 Datasheet HTML 7Page - Texas Instruments 1172 Datasheet HTML 8Page - Texas Instruments 1172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
CC1150
Preliminary Data Sheet (rev. 1.0.)
SWRS037
Page 1 of 49
CC1150 Single Chip Low Cost Low Power RF-Transmitter
Applications
• Ultra low power UHF wireless transmitters
• 315/433/868 and 915MHz ISM/SRD band
systems
• AMR ñ Automatic Meter Reading
• Consumer Electronics
• RKE ñ Remote Keyless Entry
• Low power telemetry
• Home and building automation
• Wireless alarm and security systems
• Industrial monitoring and control
Product Description
The CC1150 is a low cost true single chip UHF
transmitter designed for very low power
wireless applications. The circuit is mainly
intended for the ISM (Industrial, Scientific and
Medical) and SRD (Short Range Device)
frequency bands at 315, 433, 868 and
915MHz, but can easily be programmed for
operation at other frequencies in the 300-
348MHz,
400-464MHz
and
800-928MHz
bands.
The RF transmitter is integrated with a highly
configurable
baseband
modulator.
The
modulator
supports
various
modulation
formats and has a configurable data rate up to
500kbps. Performance can be increased by
enabling a Forward Error Correction option,
which is integrated in the modulator.
The CC1150 provides extensive hardware
support for packet handling, data buffering and
burst transmissions.
The main operating parameters and the 64-
byte transmit FIFO of CC1150 can be controlled
via an SPI interface. In a typical system, the
CC1150 will be used together with a micro-
controller and a few additional passive
components.
CC1150 is based on Chipconís SmartRF04
technology in 0.18µm CMOS.
Key Features
•
Small size (QLP 4x4mm package, 16 pins)
•
True single chip UHF RF transmitter
•
Frequency bands: 300-348MHz, 400-
464MHz and 800-928MHz
•
Programmable data rate up to 500kbps
•
Low current consumption
•
Programmable
output
power
up
to
+10dBm for all supported frequencies
•
Very few external components: Totally on-
chip frequency synthesizer, no external
filters needed
•
Programmable baseband modulator
•
Ideal for multi-channel operation
•
Configurable packet handling hardware
•
Suitable for frequency hopping systems
due to a fast settling frequency synthesizer
•
Optional Forward Error Correction with
interleaving
•
64-byte TX data FIFO
•
Suited for systems compliant with EN 300
220 and FCC CFR Part 15
•
Many powerful digital features allow a
high-performance RF system to be made
using an inexpensive microcontroller
•
Efficient SPI interface: All registers can be
programmed with one ìburstî transfer
•
Integrated analog temperature sensor
•
Lead-free ìgreenî package


Similar Part No. - 1172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
117212-HMC624ALP4 AD-117212-HMC624ALP4 Datasheet
578Kb / 15P
0.1 GHz to 6.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
9/2017-Rev. A to Rev. B
logo
PHOENIX CONTACT
1172135 PHOENIX-1172135 Datasheet
549Kb / 22P
Distribution block - PTFIX 10/6X4-SI (5X20)
Sep 8, 2022
1172142 PHOENIX-1172142 Datasheet
557Kb / 22P
Distribution block - PTFIX 10/6X4-SILED 24 (5X20)
Nov 30, 2022
1172146 PHOENIX-1172146 Datasheet
557Kb / 22P
Distribution block - PTFIX 10/6X4-SILED 60 (5X20)
Sep 8, 2022
1172150 PHOENIX-1172150 Datasheet
557Kb / 22P
Distribution block - PTFIX 10/6X4-SILED 250 (5X20)
Sep 8, 2022
More results

Similar Description - 1172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
CC1050 TI-CC1050 Datasheet
582Kb / 39P
Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com