Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB03AIPMR Datasheet(PDF) 4 Page - Texas Instruments

Part # DBB03AIPMR
Description  Baseband ASIC for Dolphin Chipset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DBB03AIPMR Datasheet(HTML) 4 Page - Texas Instruments

  DBB03AIPMR Datasheet HTML 1Page - Texas Instruments DBB03AIPMR Datasheet HTML 2Page - Texas Instruments DBB03AIPMR Datasheet HTML 3Page - Texas Instruments DBB03AIPMR Datasheet HTML 4Page - Texas Instruments DBB03AIPMR Datasheet HTML 5Page - Texas Instruments DBB03AIPMR Datasheet HTML 6Page - Texas Instruments DBB03AIPMR Datasheet HTML 7Page - Texas Instruments DBB03AIPMR Datasheet HTML 8Page - Texas Instruments DBB03AIPMR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS: DBB03A
Oscillator
ACLK
SMCLK
CPU
Incl. 16 Reg.
Bus
Conv
MCB
XIN XOUT/TCLK
P3
P4
P2
XT2IN
XT2OUT
TMS
TCK
MDB, 16 Bit
MAB, 16 Bit
MCLK
4
TDI
TDO/TDI
P5
P6
MAB,
4 Bit
DVCC
DVSS
AVCC
AVSS
RST/NMI
System
Clock
ROSC
P1
16KB ROM
8KB ROM
512B RAM
256B RAM
Watchdog
Timer
15/16-Bit
Timer_B3
3 CC Reg
Shadow
Reg
Timer_A3
3 CC Reg
Test
JTAG
I/O Port
1/2
16 I/Os,
with
Interrupt
Capability
I/O Port 3/4
16 I/Os
POR
Comparator
A
USART0
UART Mode
SPI Mode
I/O Port 5/6
16 I/Os
MDB, 8 Bit
MDB, 16-Bit
MAB, 16-Bit
8
8
8
8
8
8
DEVICE INFORMATION
DBB03A
Baseband ASIC for Dolphin Chipset
SWRS030 – JULY 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AVCC
64
Supply voltage, positive terminal. AVCC and DVCC are internally connected together.
AVSS
64
Supply voltage, negative terminal. AVSS and DVSS are internally connected together.
DVCC
1
Supply voltage, positive terminal. AVCC and DVCC are internally connected together.
DVSS
63
Supply voltage, negative terminal. AVSS and DVSS are internally connected together.
P1.0/TACLK
12
I/O
General-purpose digital I/O pin/Timer_A, clock signal TACLK input
P1.1/TA0
13
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0A input, compare: Out0 output
P1.2/TA1
14
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
15
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK
16
I/O
General-purpose digital I/O pin/SMCLK signal output
P1.5/TA0
17
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output
P1.6/TA1
18
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output
P1.7/TA2
19
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output
P2.0/ACLK
20
I/O
General-purpose digital I/O pin/ACLK output
P2.1/TAINCL
21
I/O
General-purpose digital I/O pin/Timer_A, clock signal at INCLK
K
P2.2/CAOUT/
22
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0B input/Comparator_A output
TA0
P2.3/CA0/TA
23
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/Comparator_A input
1
P2.4/CA1/TA
24
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/Comparator_A input
2
General-purpose digital I/O pin/input for external resistor defining the DCO nominal
P2.5/ROSC
25
I/O
frequency
P2.6
26
I/O
General-purpose digital I/O pin
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com