Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N35 Datasheet(PDF) 1 Page - Texas Instruments

Part # 4N35
Description  COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4N35 Datasheet(HTML) 1 Page - Texas Instruments

  4N35 Datasheet HTML 1Page - Texas Instruments 4N35 Datasheet HTML 2Page - Texas Instruments 4N35 Datasheet HTML 3Page - Texas Instruments 4N35 Datasheet HTML 4Page - Texas Instruments 4N35 Datasheet HTML 5Page - Texas Instruments 4N35 Datasheet HTML 6Page - Texas Instruments 4N35 Datasheet HTML 7Page - Texas Instruments 4N35 Datasheet HTML 8Page - Texas Instruments 4N35 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4N35, 4N36, 4N37
OPTOCOUPLERS
SOES021C – NOVEMBER 1981 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
D Gallium-Arsenide-Diode Infrared Source
Optically Coupled to a Silicon npn
Phototransistor
D High Direct-Current Transfer Ratio
D High-Voltage Electrical Isolation
1.5-kV, 2.5-kV, or 3.55-kV Rating
D High-Speed Switching
tr = 7 µs, tf = 7 µs Typical
D Typical Applications Include Remote
Terminal Isolation, SCR and Triac Triggers,
Mechanical Relays and Pulse Transformers
D Safety Regulatory Approval
UL/CUL, File No. E65085
absolute maximum ratings at 25
°C free-air temperature (unless otherwise noted)†
Input-to-output peak voltage (8-ms half sine wave): 4N35
3.55 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4N36
2.5 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4N37
1.5 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-to-output root-mean-square voltage (8-ms half sine wave): 4N35
2.5 kV
. . . . . . . . . . . . . . . . . . . . . . . . .
4N36
1.75 kV
. . . . . . . . . . . . . . . . . . . . . . . .
4N37
1.05 kV
. . . . . . . . . . . . . . . . . . . . . . . .
Collector-base voltage
70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector-emitter voltage (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter-base voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-diode reverse voltage
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-diode forward current: Continuous
60 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak (1
µs, 300 pps)
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phototransistor continuous collector current
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 25
°C free-air temperature:
Infrared-emitting diode (see Note 2)
100 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phototransistor (see Note 3)
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) 25
°C lead temperature:
Infrared-emitting diode (see Note 4)
100 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phototransistor (see Note 5)
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature range, TA
–55
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability.
NOTES:
1. This value applies when the base-emitter diode is open-circulated.
2. Derate linearly to 100
°C free-air temperature at the rate of 1.33 mW/°C.
3. Derate linearly to 100
°C free-air temperature at the rate of 4 mW/°C.
4. Derate linearly to 100
°C lead temperature at the rate of 1.33 mW/°C. Lead temperature is measured on the collector lead
0.8 mm (1/32 inch) from the case.
5. Derate linearly to 100
°C lead temperature at the rate of 6.7 mW/°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
6
5
4
ANODE
CATHODE
NC
BASE
COLLECTOR
EMITTER
DCJ† OR 6-TERMINAL DUAL-IN-LINE PACKAGE
(TOP VIEW)
†4N35 only
NC – No internal connection
schematic
ANODE
CATHODE
NC
COLLECTOR
BASE
EMITTER


Similar Part No. - 4N35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N35 VISHAY-4N35 Datasheet
157Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
27-Jan-05
logo
Toshiba Semiconductor
4N35 TOSHIBA-4N35 Datasheet
333Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
27-Feb-1998
logo
QT Optoelectronics
4N35 QT-4N35 Datasheet
569Kb / 5P
PHOTOTRANSISTOR OPTOCOULERS
logo
Fairchild Semiconductor
4N35 FAIRCHILD-4N35 Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - 4N35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL117 TI-TIL117 Datasheet
297Kb / 7P
COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
4N26 TI-4N26 Datasheet
151Kb / 4P
COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
4N35 TI-4N35_98 Datasheet
115Kb / 8P
COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
logo
Connor-Winfield Corpora...
HC51R5 CONNOR-WINFIELD-HC51R5 Datasheet
55Kb / 1P
HCMOS/TTL COMPATIBLE
logo
NTE Electronics
NTE74C14 NTE-NTE74C14 Datasheet
52Kb / 1P
INTEGRATED CIRCUITS-TTL
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
Integrated CMOS/TTL Compatible Driver
logo
Nel Frequency Controls,...
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
CMOS (TTL Compatible)
logo
Astec America, Inc
ALT ASTEC-ALT Datasheet
845Kb / 2P
TTL compatible
logo
Unisonic Technologies
U74ACT02G-P14-R UTC-U74ACT02G-P14-R Datasheet
187Kb / 4P
Compatible With TTL Output
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
TTL INTERFACE COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com