Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324KA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM324KA
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324KA Datasheet(HTML) 3 Page - Texas Instruments

  LM324KA Datasheet HTML 1Page - Texas Instruments LM324KA Datasheet HTML 2Page - Texas Instruments LM324KA Datasheet HTML 3Page - Texas Instruments LM324KA Datasheet HTML 4Page - Texas Instruments LM324KA Datasheet HTML 5Page - Texas Instruments LM324KA Datasheet HTML 6Page - Texas Instruments LM324KA Datasheet HTML 7Page - Texas Instruments LM324KA Datasheet HTML 8Page - Texas Instruments LM324KA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION (CONTINUED)
TA
VIOmax
AT 25
°C
MAX
TESTED
VCC
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
LM2902N
LM2902N
PDIP (N)
Tube of 25
LM2902KN
LM2902KN
Tube of 50
LM2902D
LM2902
SOIC (D)
Reel of 2500
LM2902DR
LM2902
SOIC (D)
Tube of 50
LM2902KD
LM2902K
Reel of 2500
LM2902KDR
LM2902K
Reel of 2000
LM2902NSR
LM2902
26 V
SOP (NS)
Tube of 50
LM2902KNS
LM2902K
7 mV
26 V
SOP (NS)
Reel of 2000
LM2902KNSR
LM2902K
−40
°C to 125°C
7 mV
SSOP (DB)
Tube of 80
LM2902KDB
L2902K
−40 C to 125 C
SSOP (DB)
Reel of 2000
LM2902KDBR
L2902K
Tube of 90
LM2902PW
L2902
TSSOP (PW)
Reel of 2000
LM2902PWR
L2902
TSSOP (PW)
Tube of 90
LM2902KPW
L2902K
Reel of 2000
LM2902KPWR
L2902K
32 V
SOIC (D)
Reel of 2500
LM2902KVQDR
L2902KV
32 V
TSSOP (PW)
Reel of 2000
LM2902KVQPWR
L2902KV
2 mV
32 V
SOIC (D)
Reel of 2500
LM2902KAVQDR
L2902KA
2 mV
32 V
TSSOP (PW)
Reel of 2000
LM2902KAVQPWR
L2902KA
CDIP (J)
Tube of 25
LM124J
LM124J
CFP (W)
Tube of 25
LM124W
LM124W
5 mV
30 V
LCCC (FK)
Tube of 55
LM124FK
LM124FK
−55
°C to 125°C
5 mV
30 V
SOIC (D)
Tube of 50
LM124D
LM124
−55 C to 125 C
SOIC (D)
Reel of 2500
LM124DR
LM124
2 mV
30 V
CDIP (J)
Tube of 25
LM124AJ
LM124AJ
2 mV
30 V
LCCC (FK)
Tube of 55
LM124AFK
LM124AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
symbol (each amplifier)
IN−
IN+
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com