Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM348 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM348
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM348 Datasheet(HTML) 4 Page - Texas Instruments

  LM348 Datasheet HTML 1Page - Texas Instruments LM348 Datasheet HTML 2Page - Texas Instruments LM348 Datasheet HTML 3Page - Texas Instruments LM348 Datasheet HTML 4Page - Texas Instruments LM348 Datasheet HTML 5Page - Texas Instruments LM348 Datasheet HTML 6Page - Texas Instruments LM348 Datasheet HTML 7Page - Texas Instruments LM348 Datasheet HTML 8Page - Texas Instruments LM348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM148, LM248, LM348
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS058C – OCTOBER 1979 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
0.5
V/
µs
PARAMETER MEASUREMENT INFORMATION
–
+
VI
CL = 100 pF
RL = 2 kΩ
Figure 1. Unity-Gain Amplifier
–
+
10 k
Ω
100
Ω
VI
RL = 2 kΩ
CL = 100 pF
AVD = –100
Figure 2. Inverting Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com