Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM293A
Description  DUAL DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM293A Datasheet(HTML) 4 Page - Texas Instruments

  LM293A Datasheet HTML 1Page - Texas Instruments LM293A Datasheet HTML 2Page - Texas Instruments LM293A Datasheet HTML 3Page - Texas Instruments LM293A Datasheet HTML 4Page - Texas Instruments LM293A Datasheet HTML 5Page - Texas Instruments LM293A Datasheet HTML 6Page - Texas Instruments LM293A Datasheet HTML 7Page - Texas Instruments LM293A Datasheet HTML 8Page - Texas Instruments LM293A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM193, LM293, LM293A
LM393, LM393A, LM2903, LM2903V
DUAL DIFFERENTIAL COMPARATORS
SLCS005T − JUNE 1976 − REVISED FEBRUARY 2007
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
LM193
LM293
LM393
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to 30 V,
VO = 1.4 V,
25
°C
2
5
2
5
mV
VIO
Input offset voltage
CC
VO = 1.4 V,
VIC = VIC(min)
Full range
9
9
mV
IIO
Input offset current
VO = 1.4 V
25
°C
3
25
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
100
250
nA
IIB
Input bias current
VO = 1.4 V
25
°C
−25
−100
−25
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−300
−400
nA
VICR
Common-mode
‡
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common-mode
input voltage range‡
Full range
0 to
VCC − 2
0 to
VCC − 2
V
AVD
Large-signal
differential-voltage
amplification
VCC = 15 V,
VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
50
200
50
200
V/mV
IOH
High-level
VOH = 5 V,
VID = 1 V
25
°C
0.1
0.1
50
nA
IOH
High-level
output current
VOH = 30 V,
VID = 1 V
Full range
1
1
µA
VOL
Low-level
IOL = 4 mA,
VID = −1 V
25
°C
150
400
150
400
mV
VOL
Low-level
output voltage
IOL = 4 mA,
VID = −1 V
Full range
700
700
mV
IOL
Low-level
output current
VOL = 1.5 V,
VID = −1 V
25
°C
6
6
mA
ICC
Supply current
RL = ∞
VCC = 5 V
25
°C
0.8
1
0.8
1
mA
ICC
Supply current
RL = ∞
VCC = 30 V
Full range
2.5
2.5
mA
† Full range (MIN or MAX) for LM193 is −55°C to 125°C, for LM293 is 25°C to 85°C, and for LM393 is 0°C to 70°C. All characteristics are measured
with zero common-mode input voltage, unless otherwise specified.
‡ The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage
range is VCC+ − 1.5 V for the inverting input (−), and the non-inverting input (+) can exceed the VCC level; the comparator provides a proper output
state. Either or both inputs can go to 30 V without damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com