Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRD360 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRD360
Description  Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRD360 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRD360 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRD360 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISS5004
eq MBRD360
Schottky Diode
www.iscsemi.com
1
FEATURES
·Very low Vf
·Extremely low switching losses
·Low Irm values
·Improved thermal circuit operation
·High reliability circuit operation
·Low voltage peaks for reduced protection circuits
·Low noise switching
Applications
·Rectifiers in switch mode power supplies
·Free wheeling diode in low voltage converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBO
L
PARAMETER
VALUE
UNIT
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
60
V
IF(AV)
AverageRectifiedForwardCurrent
@TC=125℃
3
A
IRSM
PeakRepetitiveForwardCurren
t@TC=125℃
6
A
IFSM
Nonrepetitive Peak Surge Current
T=10ms;(60Hz),sine;VR=0V
75
A
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~175
℃


Similar Part No. - MBRD360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD360 MOTOROLA-MBRD360 Datasheet
93Kb / 4P
SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MBRD360 ONSEMI-MBRD360 Datasheet
64Kb / 6P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 4
logo
Sangdest Microelectroni...
MBRD360 SMC-MBRD360 Datasheet
155Kb / 5P
SCHOTTKY RECTIFIER
MBRD360 SMC-MBRD360 Datasheet
196Kb / 6P
SCHOTTKY RECTIFIER
logo
SUNMATE electronic Co.,...
MBRD360 SUNMATE-MBRD360 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - MBRD360

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com