Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCF8010 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCF8010
Description  SiC N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCF8010 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCF8010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCF8010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCF8010 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCF8010 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISCF8010
eq MSC017SMA120
SiC N-Channel MOSFET
www.iscsemi.com
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
td(on)
Turn-on Delay Time
VGS= - 5to +20V
ID= 50A,
VDS=800V,
Rg=2.5Ω,
L=68uH
--
42
--
ns
tr
Turn-on Rise Time
--
34
--
td(off)
Turn-off Delay Time
--
71
--
tf
Turn-off Fall Time
--
13
--
EOn
Turn-on Energy
--
2.6
--
mJ
EOff
Turn-off Energy
--
0.73
--
SOURCE-DRAIN BODY DIODE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VSD
Diode Forward Voltage
ISD= 40A; VGS= 0V
--
3.5
--
V
VSD
Diode Forward Voltage
ISD=40A; VGS= -5V
--
3.9
--
V
trr
Reverse Recovery Time
VGS = -5 V, ISD = 50 A,
VR = 800V
dif/dt=-2500 A/µs,
Drive Rg = 4.0 Ω
--
40
--
ns
Qrr
Reverse Recovery Charge
--
490
--
uC
Irrm
Peak Reverse Recovery Current
--
22
--
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com