Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM900R Datasheet(PDF) 1 Page - SIMCom

Part # SIM900R
Description  SIMCom presents an ultra compact and reliable wireless module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM900R Datasheet(HTML) 1 Page - SIMCom

  SIM900R Datasheet HTML 1Page - SIMCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version:1102
All specifications are subject to change without prior notice.
SIMCom presents an ultra compact and reliable wireless module. The SIM900R is a complete Dual-band
GSM/GPRS module in a SMT type, allowing you to benefit from small dimensions and cost-effective solutions.
Featuring an industry-standard interface, the SIM900R delivers GSM/GPRS 900/1800MHz performance for voice, SMS,
Data, and Fax in a small form factor and with low power consumption. With a tiny configuration of 24mm x 24mm x 3 mm,
SIM900R can fit almost all the space requirements in your applications, especially for slim and compact demand
of design.
General features
• Dual-Band 900/ 1800 MHz
• GPRS multi-slot class 10/8
• GPRS mobile station class B
• Compliant to GSM phase 2/2+
– Class 4 (2 W @900 MHz)
– Class 1 (1 W @ 1800MHz)
• SAIC (Single Antenna Interference Cancellation)
• Dimensions: 24* 24 * 3 mm
• Weight: 3.4g
• Control via AT commands (GSM 07.07 ,07.05 and
SIMCOM enhanced AT Commands)
• SIM application toolkit
• Supply voltage range : 3.2 ... 4.8V
• Low power consumption: 1.0mA(sleep mode&BS-PA-
MFRMS=9 )
• Operation temperature: -40°C to +85 °C
Specifications for Fax
• Group 3, class 1
Specifications for GPRS Data
• GPRS class 10: max. 85.6 kbps (downlink)
• PBCCH support
• Coding schemes CS 1, 2, 3, 4
• PPP-stack
Specifications for CSD Data
• CSD up to 14.4 kbps
•USSD
• Non transparent mode
Specifications for SMS via GSM/GPRS
• Point to point MO and MT
• SMS cell broadcast
• Text and PDU mode
Software features
• 0710 MUX protocol
• Embedded TCP/UDP protocol
Specifications for Voice
•Tricodec
– Half rate (HR)
– Full rate (FR)
– Enhanced Full rate (EFR)
•AMR
– Half rate (HR)
– Full rate (FR)
• Hands-free operation
(Echo suppression)
Interfaces
• Interface to external SIM 3V/ 1.8V
• Analog audio interface
• RTC backup
•SPI interface
• Serial interface
• Antenna pad
•I2C
•GPIO
•PWM
•ADC
Compatibility
• AT cellular command interface
Certifications:
•ROHS
•CE
SIM900R
Smart Machine Smart Decision
Smart Machine Smart Decision
More about SIMCom SIM900R
Please contact:
Tel: 86-21-32523300
Fax: 86-21-32523301
Email: simcom@sim.com
Website: www.sim.com/wm


Similar Part No. - SIM900R

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SIM 60 BLOCK-SIM 60 Datasheet
349Kb / 2P
Safety isolating transformer
logo
List of Unclassifed Man...
SIM-01(T)-110A ETC2-SIM-01(T)-110A Datasheet
232Kb / 8P
Crimping tools and machines
SIM-01-110A ETC1-SIM-01-110A Datasheet
254Kb / 7P
TERMINAL
logo
Rohm
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
High power chip sensor, side view type
SIM-012SB ROHM-SIM-012SB Datasheet
146Kb / 3P
High power Chip IR LED, side view type
More results

Similar Description - SIM900R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1388 ADVANTECH-ARK-1388 Datasheet
548Kb / 2P
Ultra Compact, In-Vehicle Solution with Safe Start/Shutdown and Wireless Functions
logo
Rohm
BP3595 ROHM-BP3595 Datasheet
301Kb / 1P
Compact Wireless LAN Module with Integrated Antenna
logo
Laird Tech Smart Techno...
BTM41X LSTD-BTM41X Datasheet
2Mb / 40P
Low power consumption presents a major challenge for wireless devices
logo
Bel Fuse Inc.
LDX-D50 BEL-LDX-D50 Datasheet
484Kb / 3P
Ultra Compact Redundancy Module
logo
List of Unclassifed Man...
HLK-PM01 ETC2-HLK-PM01 Datasheet
433Kb / 3P
Ultra-compact power module
HLK-PM03 ETC1-HLK-PM03 Datasheet
172Kb / 4P
Ultra-compact module power
logo
Omron Electronics LLC
E3Z-LT OMRON-E3Z-LT Datasheet
2Mb / 15P
Compact and Reliable Laser Photoelectric Sensor
logo
List of Unclassifed Man...
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
logo
Schaffner International...
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
Ultra Compact and Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
Ultra Compact and Versatile Filtered Power Entry Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com