Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575 Datasheet(HTML) 1 Page - Texas Instruments

  LM2575 Datasheet HTML 1Page - Texas Instruments LM2575 Datasheet HTML 2Page - Texas Instruments LM2575 Datasheet HTML 3Page - Texas Instruments LM2575 Datasheet HTML 4Page - Texas Instruments LM2575 Datasheet HTML 5Page - Texas Instruments LM2575 Datasheet HTML 6Page - Texas Instruments LM2575 Datasheet HTML 7Page - Texas Instruments LM2575 Datasheet HTML 8Page - Texas Instruments LM2575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
OUTPUT
NC
GND
NC
FEEDBACK
NC
VIN
NC
NC
GND
GND
NC
NC
ON/OFF
N (PDIP) PACKAGE
(TOP VIEW)
NC − No internal connection
DESCRIPTION/ORDERING INFORMATION
LM2575
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
SLVS569E – JANUARY 2005 – REVISED JANUARY 2006
•
Simple High-Efficiency Step-Down (Buck)
•
Adjustable With a Range of 1.23 V to 37 V and
Regulator
±4% Regulation (Max) Over Line, Load, and
•
Pre-Regulator for Linear Regulators
Temperature Conditions
•
On-Card Switching Regulators
•
Specified 1-A Output Current
•
Positive-to-Negative Converter (Buck-Boost)
•
Wide Input Voltage Range
…4.75 V to 40 V
•
Uses Readily Available Standard Inductors
•
52-kHz (Typ) Fixed-Frequency Internal
Oscillator
•
TTL Shutdown Capability With 50-
µA (Typ)
Standby Current
•
High Efficiency
…as High as 88% (Typ)
•
Thermal Shutdown and Current-Limit
Protection With Cycle-by-Cycle Current
Limiting
•
For the Full Offering of Voltages (Including
Fixed-Output Options) and Packages
(Including TO-263), see TL2575 Datasheet
The LM2575 greatly simplifies the design of switching power supplies by conveniently providing all the active
functions needed for a step-down (buck) switching regulator in an integrated circuit. Accepting a wide input
voltage range and available in an adjustable output version, the LM2575 has an integrated switch capable of
delivering 1 A of load current, with excellent line and load regulation. The device also offers internal frequency
compensation, a fixed-frequency oscillator, cycle-by-cycle current limiting, and thermal shutdown. In addition, a
manual shutdown is available via an external ON/OFF pin.
The LM2575 represents a superior alternative to popular three-terminal linear regulators. Due to its high
efficiency, it significantly reduces the size of the heat sink and, in many cases, no heat sink is required.
Optimized for use with standard series of inductors available from several different manufacturers, the LM2575
greatly simplifies the design of switch-mode power supplies by requiring a minimal addition of only four to six
external components for operation.
The LM2575 is characterized for operation over the virtual junction temperature range of –40
°C to 125°C.
ORDERING INFORMATION
VO
TJ
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(NOM)
–40
°C to 125°C
ADJ
PDIP – N
Tube of 25
LM2575IN
LM2575IN
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results

Similar Description - LM2575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
TL2575 TI-TL2575 Datasheet
2Mb / 23P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
1-A Simple Step-Down Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com