Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP324NE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP324NE4
Description  ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP324NE4 Datasheet(HTML) 3 Page - Texas Instruments

  LP324NE4 Datasheet HTML 1Page - Texas Instruments LP324NE4 Datasheet HTML 2Page - Texas Instruments LP324NE4 Datasheet HTML 3Page - Texas Instruments LP324NE4 Datasheet HTML 4Page - Texas Instruments LP324NE4 Datasheet HTML 5Page - Texas Instruments LP324NE4 Datasheet HTML 6Page - Texas Instruments LP324NE4 Datasheet HTML 7Page - Texas Instruments LP324NE4 Datasheet HTML 8Page - Texas Instruments LP324NE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
Electrical Characteristics
Operating Conditions
LP324, LP2902
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS460A – MARCH 2005 – REVISED MAY 2005
T
A = 25°C, VCC = 5 V, VIC = VCC/2, RL = 100 kΩ to GND (unless otherwise noted)
LP324
LP2902
PARAMETER
TEST CONDITIONS(1)
TA(2)
UNIT
MIN TYP(3)
MAX
MIN TYP(3)
MAX
25
°C
2
4
2
4
VIO
Input offset voltage
mV
Full range
9
10
25
°C
2
10
2
20
IIB
Input bias current
nA
Full range
20
40
25
°C
0.2
2
0.5
4
IIO
Input offset current
nA
Full range
4
8
25
°C
50
100
40
70
Large-signal
RL = 10 kΩ to GND,
AV
V/mV
voltage gain
VCC = 30 V
Full range
40
30
25
°C
80
90
80
90
Common-mode
VCC = 30 V,
CMRR
dB
rejection ratio
VIC = 0 V to VCC – 1.5 V
Full range
75
75
25
°C
80
90
80
90
Power-supply
kVSR
VCC = 5 V to 30 V
V
rejection ratio
Full range
75
75
25
°C
85
150
85
150
ICC
Supply current
RL = ∞
µA
Full range
250
275
25
°C
3.4
3.6
3.4
3.6
Output voltage
IL = 0.35 mA to GND,
VOH
V
swing (high)
VIC = 0 V
Full range
VCC – 1.9
VCC – 1.9
25
°C
0.82
0.7
0.82
0.7
Output voltage
IL = 0.35 mA from VCC,
VOL
V
swing (low)
VIC = 0 V
Full range
1
1
25
°C
7
10
7
10
Output source
IO
VO = 3 V, VID = 1 V
mA
current
Full range
4
4
25
°C
4
5
4
5
VO = 1.5 V, VID = –1 V
Full range
3
3
IO
Output sink current
mA
25
°C
2
4
2
4
VO = 1.5 V, VID = –1 V,
VIC = 0 V
Full range
1
1
25
°C
20
35
20
35
IOS,GND
Output short to GND VID = 1 V
mA
Full range
40
40
25
°C
15
30
15
30
IOS,VCC
Output short to VCC
VID = –1 V
mA
Full range
45
45
Input offset
∝V
IO
25
°C
10
10
µV/°C
voltage drift
Input offset
∝I
IO
25
°C
10
10
pA/
°C
current drift
(1)
For full-range temperature limits: VCC = 3 V to 32 V, VICR = 0 V to VCC – 1.5 V (unless otherwise noted)
(2)
Full range is 0
°C to 70°C for LP324 and –40°C to 85°C for LP2902.
(3)
All typical values are at TA = 25°C.
V
CC = ±15 V, TA = 25°C
PARAMETER
TYP
UNIT
GBW
Gain bandwidth product
100
kHz
SR
Slew rate
50
V/ms
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com