Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321 Datasheet(PDF) 12 Page - Texas Instruments

Part # LPV321
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV321 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV321 Datasheet HTML 8Page - Texas Instruments LPV321 Datasheet HTML 9Page - Texas Instruments LPV321 Datasheet HTML 10Page - Texas Instruments LPV321 Datasheet HTML 11Page - Texas Instruments LPV321 Datasheet HTML 12Page - Texas Instruments LPV321 Datasheet HTML 13Page - Texas Instruments LPV321 Datasheet HTML 14Page - Texas Instruments LPV321 Datasheet HTML 15Page - Texas Instruments LPV321 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
−1
0
1
2
3
4
−1
0
1
2
3
4
100
ms/Div
TA = 25°C
RL = 10 kΩ
VCC = 5 V/0 V
AV = 1
100
ms/Div
TA = 25°C
RL = 10 kΩ
VCC = 5 V/0 V
AV = 1
NONINVERTING LARGE-SIGNAL PULSE RESPONSE
Figure 17
−0.04
0
0.04
0.08
0.12
0.16
Figure 18
100
ms/Div
VI = 100 mV/0 V
100
ms/Div
NONINVERTING SMALL-SIGNAL PULSE RESPONSE
0
0.04
0.08
0.12
0.16
TA = 25°C
VCC+ = 5 V/0 V
RL = 10 kΩ
AV = 1
−4
−2
0
2
4
Figure 19
100
ms/Div
TA = 25°C
100
ms/Div
INVERTING LARGE-SIGNAL PULSE RESPONSE
−4
−2
0
2
4
6
TA = 25°C
RL = 10 kΩ
VCC+ = 5 V
6
AV = −5
Rf = 10 kΩ
Ri = 2 kΩ
−0.08
−0.04
0
0.04
0.08
Figure 20
100
ms/Div
TA = 255 C
100
ms/Div
INVERTING SMALL-SIGNAL PULSE RESPONSE
0
0.04
0.08
0.12
0.16
0.20
TA = 25°C
RL = 10 kΩ
VCC+ = 5 V
AV = −5
Rf = 10 kΩ
Ri = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com