Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B78421 Datasheet(PDF) 2 Page - EPCOS

Part # B78421
Description  ISDN/xDSL Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78421 Datasheet(HTML) 2 Page - EPCOS

  B78421 Datasheet HTML 1Page - EPCOS B78421 Datasheet HTML 2Page - EPCOS B78421 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50
04/02
xDSL Transformers
ADSL Interface
Application
I Matched to Infineon IC
PEB 22715
I CPE
Features
I According to EN 60950:
basic insulation, operating voltage 250 V
I SMD version upon request
Marking
I Manufacturer, middle block of
ordering code, date code
Packing
I Polyfoam tray
I Packing unit: 500 pcs.
Pinning
Technical data (electrical specifications at 25 °C)
Ordering code
B78421P1579A005
Type/Core
EP 13
N1 : N2 : N3 : N4
1,77 : 1,77 : 1 : 1
LH (line)
mH
1,382
– 10 %
LS (typ.)
mH16
RDC (Line) (typ.)
W
2,7
RDC (IC) (typ.)
W
0,72
VT
kVAC
2,0
Operating temperature range
°C
–25/+85
FIN0128-A
1
2
3
4
5
10
9
8
7
6
ø1,2+0,1
3
4
5
2
1
6
7
8
9
10
14,8 max.
10,16
Marking of pin row including pin 1
Recommended hole arrangement
(view in mounting direction)
FIN0127-S
1
5
10
6
1
N
N2
N3
N4
8
4
2
Line
Circuit
EP 13
B78421P1579A005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com