Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP3 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # BSP3
Description  3-Pole LED Driver & Ballast Surge Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BSP3 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  BSP3 Datasheet HTML 1Page - Hubbell Incorporated. BSP3 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.hubbelllightingcomponents.com
Pg 2 of 2
Copyright © 2019 Hubbell Lighting Components, a division of Hubbell Lighting, Inc.All rights reserved.
Lighting Components
BSP3 Series
BSP3-120 / BSP3-208-240 /
BSP3-277 BSP3-347 / BSP3-480
3-Pole LED Driver & Ballast Surge Protectors
Wiring
Line In
Neutral
BSP3
(120)
(277)
(347)
Ground
L
N
G
LED Driver
347V Single
Phase Input
120V
277V
Line A In
Line B In
BSP3
(480)
Ground
L A
L B
G
LED Driver
480V Single
Phase Input
1.55”
2.82”
.75”
Threaded Nipple:
½”-NPS
2.25”
Pulse rating
(8 x 20 μSec)
Strikes
Surge
1
10,000 A
2
6,500 A
10
3,000 A
100
1,500 A
1,000
700 A
Leads:
12”, stripped 0.63”
Leadwire:
AWG#16 stranded
Weight:
0.33 lbs / 128g
Dimensions
BSP3 and driver voltage must match input voltage
A single phase input from a 3-phase system uses only 2 phase line connections (A-B, B-L or C-A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com