Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF200AP Datasheet HTML 1Page - Burr-Brown (TI) REF200AP Datasheet HTML 2Page - Burr-Brown (TI) REF200AP Datasheet HTML 3Page - Burr-Brown (TI) REF200AP Datasheet HTML 4Page - Burr-Brown (TI) REF200AP Datasheet HTML 5Page - Burr-Brown (TI) REF200AP Datasheet HTML 6Page - Burr-Brown (TI) REF200AP Datasheet HTML 7Page - Burr-Brown (TI) REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
REF200
2
SPECIFICATIONS
At TA = +25°C, VS = 15V, unless otherwise noted.
REF200AP, AU
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
CURRENT SOURCES
Current Accuracy
±0.25
±1%
Current Match
±0.25
±1%
Temperature Drift
Specified Temp Range
25
ppm/
°C
Output Impedance
2.5V to 40V
20
100
M
Ω
3.5V to 30V
200
500
M
Ω
Noise
BW = 0.1Hz to 10Hz
1
nAp-p
f = 10kHz
20
pA/
√Hz
Voltage Compliance (1%)
TMIN to TMAX
See Curves
Capacitance
10
pF
CURRENT MIRROR
I = 100
µA Unless
Otherwise Noted
Gain
0.995
1
1.005
Temperature Drift
25
ppm/
°C
Impedance (output)
2V to 40V
40
100
M
Ω
Nonlinearity
I = 0
µA to 250µA
0.05
%
Input Voltage
1.4
V
Output Compliance Voltage
See Curves
Frequency Response (–3dB)
Transfer
5
MHz
TEMPERATURE RANGE
Specification
–25
+85
°C
Operating
–40
+85
°C
Storage
–40
+125
°C
ELECTRICAL
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Applied Voltage ..................................................................... –6V to +40V
Reverse Current ........................................................................... –350
µA
Voltage Between Any Two Sections .................................................
±80V
Operating Temperature ................................................... –40
°C to +85°C
Storage Temperature ..................................................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(SOIC 3s) ........................................................ +260
°C
I
I
Substrate
Mirror Input
Low
Low
Mirror Common
Mirror Output
1
2
3
4
8
7
6
5
1
2
High
High
1
2
I
I
Top View
DIP/SOIC
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
REF200AP
8-Pin Plastic DIP
006
–25
°C to +85°C
REF200AU
8-Pin SOIC
182
–25
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book. (2) Grade designation “A”
may not be marked. Absence of grade designation indicates A grade.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com