Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  LMV331IDBVR Datasheet HTML 1Page - Texas Instruments LMV331IDBVR Datasheet HTML 2Page - Texas Instruments LMV331IDBVR Datasheet HTML 3Page - Texas Instruments LMV331IDBVR Datasheet HTML 4Page - Texas Instruments LMV331IDBVR Datasheet HTML 5Page - Texas Instruments LMV331IDBVR Datasheet HTML 6Page - Texas Instruments LMV331IDBVR Datasheet HTML 7Page - Texas Instruments LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LMV331 SINGLE, LMV393 DUAL, LMV339 QUAD
GENERALPURPOSE LOW VOLTAGE COMPARATORS
SLCS136M − AUGUST 1999 − REVISED NOVEMBER 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC+
Supply voltage (single-supply operation)
2.7
5.5
V
VOUT
Output voltage
VCC+ + 0.3
V
TA
Operating free-air temperature
−40
85
°C
electrical characteristics at specified free-air temperature, VCC+ = 2.7 V, GND = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
1.7
7
mV
a
V
IO
Average temperature coefficient
of input offset voltage
−40
°C to 85°C
5
mV/°C
IIB
Input bias current
25
°C
10
250
nA
IIB
Input bias current
−40
°C to 85°C
400
nA
IIO
Input offset current
25
°C
5
50
nA
IIO
Input offset current
−40
°C to 85°C
150
nA
IO
Output current (sinking)
VO ≤ 1.5 V
25
°C
5
23
mA
Output leakage current
25
°C
0.003
A
Output leakage current
−40
°C to 85°C
1
mA
VICR
Common-mode input voltage range
25
°C
−0.1 to 2
V
VSAT
Saturation voltage
IO ≤ 1 mA
25
°C
200
mV
LMV331
25
°C
40
100
ICC
Supply current
LMV393 (both comparators)
25
°C
70
140
mA
ICC
Supply current
LMV339 (all four comparators)
25
°C
140
200
mA
switching characteristics, TA = 25°C, VCC+ = 2.7 V, RL = 5.1 kΩ, GND = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
tPHL
Propagation delay, high- to low-level output switching
Input overdrive = 10 mV
1000
ns
tPHL
Propagation delay, high- to low-level output switching
Input overdrive = 100 mV
350
ns
tPLH
Propagation delay, low- to high-level output switching
Input overdrive = 10 mV
500
ns
tPLH
Propagation delay, low- to high-level output switching
Input overdrive = 100 mV
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com