Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVT
Description  GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  LMV331IDBVT Datasheet HTML 1Page - Texas Instruments LMV331IDBVT Datasheet HTML 2Page - Texas Instruments LMV331IDBVT Datasheet HTML 3Page - Texas Instruments LMV331IDBVT Datasheet HTML 4Page - Texas Instruments LMV331IDBVT Datasheet HTML 5Page - Texas Instruments LMV331IDBVT Datasheet HTML 6Page - Texas Instruments LMV331IDBVT Datasheet HTML 7Page - Texas Instruments LMV331IDBVT Datasheet HTML 8Page - Texas Instruments LMV331IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LMV331 SINGLE, LMV393 DUAL, LMV339 QUAD
GENERALPURPOSE LOW VOLTAGE COMPARATORS
SLCS136M − AUGUST 1999 − REVISED NOVEMBER 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2.7-V and 5-V Performance
D Low Supply Current:
LMV331 ...60
µA Typ
LMV393 . . . 100
µA Typ
LMV339 . . . 170
µA Typ
D Input Common-Mode Voltage Range
Includes Ground
D Low Output Saturation Voltage
. . . 200 mV Typ
D Open-Collector Output for Maximum
Flexibility
description/ordering information
The
LMV393
and
LMV339
devices
are
low-voltage (2.7 V to 5.5 V) versions of the dual
and quad comparators, LM393 and LM339, which
operate from 5 V to 30 V. The LMV331 is the
single-comparator version.
The LMV331, LMV339, and LMV393 are the most
cost-effective solutions for applications where
low-voltage operation, low power, space saving,
and price are the primary specifications in circuit
design for portable consumer products. These
devices offer specifications that meet or exceed
the familiar LM339 and LM393 devices at a
fraction of the supply current.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SC-70 (DCK)
Reel of 3000
LMV331IDCKR
R2_
Single
SC-70 (DCK)
Reel of 250
LMV331IDCKT
R2_
Single
SOT23-5 (DBV)
Reel of 3000
LMV331IDBVR
R1I_
SOT23-5 (DBV)
Reel of 250
LMV331IDBVT
R1I_
MSOP/VSSOP (DGK)
Reel of 2500
LMV393IDGKR
R9_
SOIC (D)
Tube of 75
LMV393ID
MV393I
−40
°C to 85°C
Dual
SOIC (D)
Reel of 2500
LMV393IDR
MV393I
−40
°C to 85°C
Dual
TSSOP (PW)
Tube of 90
LMV393IPW
MV393I
TSSOP (PW)
Reel of 2000
LMV393IPWR
MV393I
VSSOP (DDU)
Reel of 2000
LMV393IDDUR
RABR
SOIC (D)
Tube of 50
LMV339ID
LMV339I
Quad
SOIC (D)
Reel of 2500
LMV339IDR
LMV339I
Quad
TSSOP (PW)
Tube of 150
LMV339IPW
MV339I
TSSOP (PW)
Reel of 2000
LMV339IPWR
MV339I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK/DGK: The actual top-side marking has one additional character that designates the assembly/test site.
Copyright
 2005, Texas Instruments Incorporated
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2OUT
1OUT
VCC+
1IN−
1IN+
2IN−
2IN+
3OUT
4OUT
GND
4IN+
4IN−
3IN+
3IN−
LMV339 ...D OR PW PACKAGE
(TOP VIEW)
LMV393 . . . D, DDU, DGK, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC+
2OUT
2IN−
2IN+
LMV331 . . . DBV OR DCK PACKAGE
(TOP VIEW)
5
4
IN+
GND
IN−
VCC+
OUT
1
2
3
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - LMV331IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331IDBVT TI-LMV331IDBVT Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDBVT TI-LMV331IDBVT Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDBVT TI1-LMV331IDBVT Datasheet
1Mb / 39P
Quad General-purpose Low-voltage Comparators
LMV331IDBVTE4 TI-LMV331IDBVTE4 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331IDBVTE4 TI-LMV331IDBVTE4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results

Similar Description - LMV331IDBVT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
Quad General-purpose Low-voltage Comparators
logo
Shenzhen Luguang Electr...
RL251 LUGUANG-RL251_V01 Datasheet
774Kb / 3P
Genral Purpose Plastic Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com