Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R9QL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RI-TRP-R9QL
Description  30mm DISK TRANSPONDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-R9QL Datasheet(HTML) 1 Page - Texas Instruments

  RI-TRP-R9QL Datasheet HTML 1Page - Texas Instruments RI-TRP-R9QL Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RI-TRP-R9QL, RI-TRP-W9QL
SCBS837 – OCTOBER 2001
30mm DISK TRANSPONDER
• Access Control
• Best in Class Performance Through Patented
HDX Technology
• Vehicle Identification
• Container Tracking
• Patented Transponder Tuning Provides Stable
and High Read/Write Performance
• Asset Management
• Waste Management
• 64 Bit Read Only, 80 Bit Read/Write
• ISO 11784/11785 Compliant
• Insensitive to Almost All Non Metallic
Materials
Texas Instruments’ 30 mm disk transponder provides superior performance and operates at a resonance
frequency of 134.2 kHz. Specific products are compliant to ISO/IEC 11784/11785 global open standards. Texas
Instruments LF transponders are manufactured with TI’s patented tuning process to provide consistent read and
write performance. Prior to delivery, the transponders undergo complete functional and parametric testing, in
order to provide the high quality customers have come to expect from TI. The transponder is well suited for
usage in a broad range of applications including, but not limited to, access control, vehicle identification,
container tracking, asset management and waste management applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI-RFid is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-TRP-R9QL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R9QL TI-RI-TRP-R9QL Datasheet
96Kb / 4P
30mm DISK TRANSPONDER
RI-TRP-R9QL-00 TI-RI-TRP-R9QL-00 Datasheet
96Kb / 4P
30mm DISK TRANSPONDER
RI-TRP-R9QL-30 TI-RI-TRP-R9QL-30 Datasheet
96Kb / 4P
30mm DISK TRANSPONDER
RI-TRP-R9QL TI-RI-TRP-R9QL_09 Datasheet
96Kb / 4P
30mm DISK TRANSPONDER
More results

Similar Description - RI-TRP-R9QL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R9UR TI-RI-TRP-R9UR Datasheet
141Kb / 3P
85mm DISK TRANSPONDER
logo
Sonardyne sound in dept...
7815-000-07 SONARDYNE-7815-000-07 Datasheet
143Kb / 2P
Coastal Transponder
logo
Texas Instruments
RI-TRP-R9QL TI-RI-TRP-R9QL_09 Datasheet
96Kb / 4P
30mm DISK TRANSPONDER
RI-TRP-R9UR TI-RI-TRP-R9UR_09 Datasheet
167Kb / 4P
85mm DISK TRANSPONDER
RI-ACC-SHT3-00 TI1-RI-ACC-SHT3-00 Datasheet
106Kb / 3P
TRANSPONDER SHEETING
logo
TDK Electronics
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
Transponder Coils
logo
Texas Instruments
RI-TRP-R9UR TI1-RI-TRP-R9UR_16 Datasheet
597Kb / 5P
85mm DISK TRANSPONDER
logo
List of Unclassifed Man...
W55MID35 ETC2-W55MID35 Datasheet
327Kb / 10P
Transponder
logo
Pepperl+Fuchs Inc.
IPC03-20CT PF-IPC03-20CT Datasheet
779Kb / 8P
RFID Transponder
IPC03-50P PF-IPC03-50P Datasheet
570Kb / 8P
RFID Transponder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com