Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1B1-R Datasheet(PDF) 2 Page - Visual Communications Company

Part # K1B1-R
Description  Neon Indicator Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

K1B1-R Datasheet(HTML) 2 Page - Visual Communications Company

  K1B1-R Datasheet HTML 1Page - Visual Communications Company K1B1-R Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
3. Tinned leads.
4. High brightness.
5. Formed tip.
6. Dark effect reduced.
7. Lamp drops through a Ø.310"
cylinder of .500" minimum length.
resistances are utilized, life will be
approximately the same.
2. F or DC operation of high brightness lamps
use a minimum of 150 circuit volts.
Maximum initial breakdown voltage 95 VAC ,
135 VDC in light.
T -2 Midget F lange B ase
T -2 T elephone S lide B ase
T -3 1/4 Miniature B ayonet B ase
F ootnotes
1. Life value is to approximately 50% of initial
light output. Values shown apply to use on
AC unless otherwise shown. Life on DC is
approximately 60% of AC values when DC
current is equal to RMS AC value. When
equal DC and RMS AC voltages and equal
-
1/3
-
1/3
-
1/3
-
1/3
-
-
1/3
1/3
-
1/3
-
1/3
-
1/3
-
1/3
-
1/3
W
15,000
15,000
25,000
25,000
25,000
25,000
25,000
25,000
25,000
25,000
25,000
25,000
15,000
15,000
25,000
25,000
25,000
25,000
25,000
25,000
25,000
25,000
Life
Useful
Average
.430
.430
.430
.430
.430
.430
1.03
1.03
1.03
1.03
1.03
1.03
.250
.250
.250
.250
.250
.250
.250
.250
.250
.250
A(Max.)
inches
Dimensions
1.188
1.188
1.188
1.188
1.188
1.188
.290
.290
.290
.290
.290
.290
.828
.828
.828
.828
.828
.828
.525
.525
.525
.525
B (Max.)
-
-
-
-
-
-
-
-
-
-
-
-
.938
.938
.938
.938
.938
.938
.625
.625
.625
.625
C (Min.)
-
150K
-
150K
-
540K
-
100K
-
-
220K
150K
-
150K
-
100K
-
220K
-
150K
-
540K
Ohms
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
1/4
W
47K
47K
47K
47K
220K
220K
30K
30K
47K
100K
100K
47K
47K
47K
30K
30K
100K
100K
47K
47K
220K
220K
Ohms
2,4,5,11,13
2,4,5,13
2,4,6,9,11
2,4,6,8
1,11
1
2,4,5,6,7,8,11
2,4,5,6,7,8,12
2,4,6,7,8,11
1,5,7,11
1,5,7,12
2,4,6,7,8,12
1,5,11,13
1,5,12,13
2,4,5,6,8,11
2,4,5,6,8,12
1,5,11
1,5,12
2,4,5,6,8,11
2,4,5,6,8,12
1,5,11
1,5,12
F ootnotes
100-125V
220-250V
S eries R esistor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com