Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA837X Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA837X
Description  I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA837X Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA837X Datasheet HTML 35Page - NXP Semiconductors TDA837X Datasheet HTML 36Page - NXP Semiconductors TDA837X Datasheet HTML 37Page - NXP Semiconductors TDA837X Datasheet HTML 38Page - NXP Semiconductors TDA837X Datasheet HTML 39Page - NXP Semiconductors TDA837X Datasheet HTML 40Page - NXP Semiconductors TDA837X Datasheet HTML 41Page - NXP Semiconductors TDA837X Datasheet HTML 42Page - NXP Semiconductors TDA837X Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
1997 Jul 01
39
Philips Semiconductors
Preliminary specification
I2C-bus controlled economy PAL/NTSC
and NTSC TV-processors
TDA837x family
VBW(max)(p-p)
maximum signal amplitude
(black-to-white)
note 45
−
2.6
−
V
VWP(max)(p-p)
maximum signal amplitude at
maximum white point setting
(peak-to-peak value)
−
3.6
−
V
Vred(p-p)
output signal amplitude for the
‘red’ channel at nominal settings
for contrast and saturation
control and no luminance signal
to the input (R
− Y, PAL)
(peak-to-peak value)
tbf
2.1
tbf
V
∆V
blank
difference between blanking
level measuring pulse
0.7
0.8
0.9
V
tW(blank)
width of the video blanking pulse
when the HBL bit is active
TDA8375, TDA8377,
TDA8375A and
TDA8377A; note 46
14.4
14.7
15.0
µs
Ibias
internal bias current of NPN
emitter follower output transistor
−
1.5
−
mA
Io
available output current
−
5
−
mA
Zo
output impedance
−
150
−Ω
CRbl
control range of the black
current stabilization
at Vbl = 2.5 V and nominal
brightness and white-point
adjustment (with respect to
the measuring pulse)
−−±1V
Vbl
black level shift with picture
content
note 4
−−
20
mV
Vo(4L)
output voltage of the 4-L pulse
after switch-on
−
4.2
−
V
∆bl(T)
variation of black level with
temperature
note 4
−
1.0
−
mV/K
∆bl
relative variation in black level
between the three channels
during variations of
note 4
supply voltage (
±10%)
nominal controls
−−
20
mV
saturation (50 dB)
nominal contrast
−−
20
mV
contrast (15 dB)
nominal saturation
−−
20
mV
brightness (
±0.5 V)
nominal controls
−−
20
mV
temperature (range 40
°C)
−−
20
mV
S/N
signal-to-noise ratio of the
output signals
RGB input; note 47
60
−−
dB
CVBS input; note 47
50
−−
dB
Vr(p-p)
residual voltage at the RGB
outputs (peak-to-peak value)
at fosc
−−
15
mV
at 2fosc plus higher
harmonics in RGB outputs
−−
15
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com