Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8377A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8377A
Description  I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8377A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8377A Datasheet HTML 17Page - NXP Semiconductors TDA8377A Datasheet HTML 18Page - NXP Semiconductors TDA8377A Datasheet HTML 19Page - NXP Semiconductors TDA8377A Datasheet HTML 20Page - NXP Semiconductors TDA8377A Datasheet HTML 21Page - NXP Semiconductors TDA8377A Datasheet HTML 22Page - NXP Semiconductors TDA8377A Datasheet HTML 23Page - NXP Semiconductors TDA8377A Datasheet HTML 24Page - NXP Semiconductors TDA8377A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
1997 Jul 01
21
Philips Semiconductors
Preliminary specification
I2C-bus controlled economy PAL/NTSC
and NTSC TV-processors
TDA837x family
TDA8377 and TDA8377A
Valid subaddresses: 00 to 16, subaddress FE is reserved for test purposes. Auto-increment mode available for
subaddresses.
Table 10 Inputs
Note
1. The vertical zoom byte and the HBL bit are active only in the TDA8377.
Table 11 Output status bytes (note 1)
Note
1. X = don’t care.
FUNCTION
SUB
ADDRESS
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Control 0
00
INA
INB
INC
0
FOA
FOB
0
1
Control 1
01
0
0
DL
STB
POC
0
1
1
Hue
02
HBL
AKB
A5
A4
A3
A2
A1
A0
Horizontal Shift (HS)
03
VIM
GAI
A5
A4
A3
A2
A1
A0
E-W width (EW)
04
0
0
A5
A4
A3
A2
A1
A0
E-W Parabola/Width (PW)
05
0
0
A5
A4
A3
A2
A1
A0
E-W Corner Parabola (CP)
06
0
0
A5
A4
A3
A2
A1
A0
E-W trapezium (TC)
07
0
0
A5
A4
A3
A2
A1
A0
Vertical Slope (VS)
08
NCIN
STM
A5
A4
A3
A2
A1
A0
Vertical Amplitude (VA)
09
VID
0
A5
A4
A3
A2
A1
A0
S-Correction (SC)
0A
HCO
EVG
A5
A4
A3
A2
A1
A0
Vertical shift (VSH)
0B
SBL
PRD
A5
A4
A3
A2
A1
A0
White point R
0C
0
0
A5
A4
A3
A2
A1
A0
White point G
0D
0
0
A5
A4
A3
A2
A1
A0
White point B
0E
MAT
0
A5
A4
A3
A2
A1
A0
Peaking
0F
0000
A3
A2
A1
A0
Brightness
10
RBL
COR
A5
A4
A3
A2
A1
A0
Saturation
11
IE1
0
A5
A4
A3
A2
A1
A0
Contrast
12
AFW
IFS
A5
A4
A3
A2
A1
A0
AGC takeover
13
0
VSW
A5
A4
A3
A2
A1
A0
Volume control
14
SM
FAV
A5
A4
A3
A2
A1
A0
Adjustment IF-PLL
15
L’FA
A6
A5
A4
A3
A2
A1
A0
Vertical zoom (VX)(1)
16
0
0
A5
A4
A3
A2
A1
A0
OUTPUT ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
00
POR
X
X
SL
XPR
CD2
CD1
CD0
01
NDF
IN1
X
IFI
AFA
AFB
SXA
SXB
02
X
X
X
IVW
X
ID2
ID1
ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com