Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1410C Datasheet(PDF) 6 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1410C
Description  1.8A 380KHZ 20V PWM Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1410C Datasheet(HTML) 6 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD1410C Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD1410C Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Datasheet
1.8A 380KHZ 20V PWM Buck DC/DC Converter
TD1410C
February, 2007 Rev 2.0
Techcode Semiconductor Limited
6
Typical Application Circuit
Fig8. TD1410C Typical Application Circuit @ 5V/1.8A
Note:In PCB layout. Reserved an area for CFF.
Fig9. TD1410C Typical Application Circuit @ 3.3V/1.8A
Note:In PCB layout. Reserved an area for CFF.
TD1410C
TD1410C
5.5V~20V
DC INPUT
4.5V~20V
DC INPUT
5V1.8A
3.3V1.8A
R2=2K
R1=6.2K
R2=3.6K
R1=6.2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com